Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

119A-80A00-R02 Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 119A-80A00-R02
Description  Mini PCI Express Socket, GF, Reel, H=4.0mm, (w/Logo)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

119A-80A00-R02 Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  119A-80A00-R02 Datasheet HTML 1Page - ATTEND Technology Inc. 119A-80A00-R02 Datasheet HTML 2Page - ATTEND Technology Inc. 119A-80A00-R02 Datasheet HTML 3Page - ATTEND Technology Inc. 119A-80A00-R02 Datasheet HTML 4Page - ATTEND Technology Inc. 119A-80A00-R02 Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
(MIL-STD-202 METHOD 213)
ENVIRONMENTAL
Item
Requirement
Test Condition
Humidity Test
Finish
1. Contact Resistance:
50mΩ Max.
2. Insulation Resistance:
100MΩ Min.
Humidity storage at 40±3°C with
90±5% RH for 96 hours.
(EIA364-31)
Salt Mist Test
Finish
1. Contact Resistance:
50mΩ Max.
2 .No Damage
5±1% salt solutions, at 35±2°C
duration 24 hours.
Connectors detached
(MIL-STD-1344)
Thermal Shock
Finish
1. Contact Resistance:
50mΩ Max.
2. Insulation Resistance:
100MΩ Min.
Test time: 5 cycles
(MIL-STD-202 METHOD 107)
Stage
Temp
Time
t1
-55±5°C
30 min
t2
-55±5°C~+85±5°C
5 min
t3
+85±5°C
30 min
t4
+85±5°C~-55°C±5°C
5 min
Heat Resistance
Finish
1. Contact Resistance:
50mΩ Max.
2. Insulation Resistance:
100MΩ Min.
Solder connectors on PCB and mate
them together, expose to 85±2°C for
48hrs. Upon completion of the exposure
period, the test specimens shall be
conditioned at ambient room conditions
for 1 of 2hrs, after which the specified
measurements shall be performed.
(MIL-STD-202 METHOD 108)
t1
t2
t3
t4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com