Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604A Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6604A
Description  Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604A Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6604A Datasheet HTML 6Page - Monolithic Power Systems MP6604A Datasheet HTML 7Page - Monolithic Power Systems MP6604A Datasheet HTML 8Page - Monolithic Power Systems MP6604A Datasheet HTML 9Page - Monolithic Power Systems MP6604A Datasheet HTML 10Page - Monolithic Power Systems MP6604A Datasheet HTML 11Page - Monolithic Power Systems MP6604A Datasheet HTML 12Page - Monolithic Power Systems MP6604A Datasheet HTML 13Page - Monolithic Power Systems MP6604A Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP6604A
– SIMPLE, DUAL H-BRIDGE DRIVER WITH SEPARATE IN AND EN PINS
MP6604A Rev. 1.1
MonolithicPower.com
10
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN
=
24V,
AOUT1
is
enabled,
fSW
=
20kHz,
AOUT2
’s LS-FET is on, TA = 25°C,
resistor + inductance =
8Ω + 1.5mH between AOUT1 and AOUT2, unless otherwise noted.
Steady State
50% duty cycle
Power Ramps Up
50% duty cycle
CH1: VAIN1
CH2:
VAOUT1
CH3:
VAOUT2
CH4: IOUT
CH1: VIN
CH2: VAOUT1
CH3: VAOUT2
CH4: IOUT
Power Ramps Down
50% duty cycle
Start Up through nAENx/nBENx
50% duty cycle
CH1: VIN
CH2:
VAOUT1
CH3:
VAOUT2
CH4: IOUT
CH1: VnAENx/
VnBENx
CH2: VAOUT1
CH3: VAOUT2
CH4: IOUT
Shutdown through nAENx/nBENx
50% duty cycle
Sleep Mode Recovery
50% duty cycle
CH1:
VnAENx/
VnBENx
CH2:
VAOUT1
CH3:
VAOUT2
CH4: IOUT
CH1: VnSLEEP
CH2: VAOUT1
CH3: VAOUT2
CH4: IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com