Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604A Datasheet (PDF) - Monolithic Power Systems

MP6604A Datasheet PDF - Monolithic Power Systems
Part # MP6604A
Download  MP6604A Download
File Size   783.74 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins

MP6604A Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6604A Datasheet PDF - Monolithic Power Systems

Part # MP6604A
Download  MP6604A Click to download

File Size   783.74 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins

MP6604A Datasheet (HTML) - Monolithic Power Systems


MP6604A Product details

DESCRIPTION
The MP6604A is a dual H-bridge motor driver
IC that can drive stepper motors, brushed DC
motors, and other loads.
The device operates across a 4.5V to 45V input
voltage (VIN) range, and can deliver up to 2.5A
of output current (IOUT) per phase.
Internal safety and diagnostic features include
over-current protection (OCP), input overvoltage
protection (OVP), and input undervoltage
lockout (UVLO) protection, and thermal
shutdown.
The MP6604A has separate IN and EN pins
for each output pin.
The MP6604A is available in QFN-28
(4mmx5mm) and TSSOP-28EP packages.

FEATURES
• 4.5V to 45V Operating Input Voltage (VIN)
Range
• 2.5A Maximum Output Current (IOUT)
• Dual H-Bridge or Quad Half-Bridge Driver
• 150mΩ Low On Resistance (per MOSFET)
• Protection Functions:
o Over-Current Protection (OCP)
o Over-Voltage Protection (OVP)
o Under-Voltage Lockout Protection
(UVLO)
o Thermal Shutdown
o Fault Indication Output
• Available in QFN-28 (4mmx5mm) and
TSSOP-28EP Packages

APPLICATIONS
• Bipolar Stepper Motors
• Stage Lighting
• 3D Printers
• Laser Printers and Copiers
• Textile Machines




Similar Part No. - MP6604A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6604C MPS-MP6604C Datasheet
681Kb / 19P
4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
Rev. 1.1 5/12/2023
MP6604CGF MPS-MP6604CGF Datasheet
681Kb / 19P
4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
Rev. 1.1 5/12/2023
MP6604CGF-P MPS-MP6604CGF-P Datasheet
681Kb / 19P
4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
Rev. 1.1 5/12/2023
MP6604CGV MPS-MP6604CGV Datasheet
681Kb / 19P
4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
Rev. 1.1 5/12/2023
More results


Similar Description - MP6604A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Texas Instruments
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
Dual H-Bridge Motor Driver
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com