Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604C Datasheet (PDF) - Monolithic Power Systems

MP6604C Datasheet PDF - Monolithic Power Systems
Part # MP6604C
Download  MP6604C Download
File Size   681.15 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)

MP6604C Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6604C Datasheet PDF - Monolithic Power Systems

Part # MP6604C
Download  MP6604C Click to download

File Size   681.15 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)

MP6604C Datasheet (HTML) - Monolithic Power Systems


MP6604C Product details

DESCRIPTION
The MP6604C is a dual H-bridge motor driver
IC designed to drive stepper motors, brushed
DC motors, and other loads.
The MP6604C operates across a 4.5V to 45V
input voltage (VIN) range. It can deliver motor
current up to 2.5A per phase, depending on the
ambient temperature (TA) and PCB layout.
Internal safety and diagnostic features include
over-current protection (OCP), input overvoltage protection (OVP), input under-voltage
protection (UVP), and thermal shutdown.
The MP6604C has separate HS and LS input
pins for each output pin.
The MP6604C is available in QFN-28
(4mmx5mm) and TSSOP-28EP packages.

FEATURES
• 4.5V to 45V Operating Input Voltage (VIN)
Range
• 2.5A Maximum Output Current (IOUT_MAX)
• Dual H-Bridge or Quad Half H-Bridge
Driver
• Low 150mΩ On Resistance (RDS(ON)) per
MOSFET
• Protection Functions Include:
o Over-Current Protection (OCP)
o Over-Voltage Protection (OVP)
o Under-Voltage Protection (UVP)
o Over-Temperature (OT) Shutdown
o Fault Indication Output
• Available in QFN-28 (4mmx5mm) and
TSSOP-28EP Packages

APPLICATIONS
• Bipolar Stepper Motors
• Stage Lighting
• 3D Printers
• Laser Printers and Copiers
• Textile Machines




Similar Part No. - MP6604C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6604A MPS-MP6604A Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
MP6604AGF MPS-MP6604AGF Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
MP6604AGF-Z MPS-MP6604AGF-Z Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
MP6604AGV MPS-MP6604AGV Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
MP6604AGV-Z MPS-MP6604AGV-Z Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
More results


Similar Description - MP6604C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
Dual H-Bridge Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
Dual H-Bridge Motor Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
Dual H-Bridge Driver
logo
Texas Instruments
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
Dual H-Bridge Motor Driver
logo
Shenzhen Huazhimei Semi...
HM2502L HMSEMI-HM2502L Datasheet
790Kb / 9P
Single channel 2.0-7.0V 2.5A H-bridge driver chip
HM2503D HMSEMI-HM2503D Datasheet
588Kb / 6P
2.0-16V 2.5A single channel H-bridge driver chip
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
Monolithic Power System...
MP6545 MPS-MP6545 Datasheet
786Kb / 20P
45V, 2.5A, Simple Three-Phase Power Stage
Rev. 1.1 5/12/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com