Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604C Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6604C
Description  4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604C Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6604C Datasheet HTML 1Page - Monolithic Power Systems MP6604C Datasheet HTML 2Page - Monolithic Power Systems MP6604C Datasheet HTML 3Page - Monolithic Power Systems MP6604C Datasheet HTML 4Page - Monolithic Power Systems MP6604C Datasheet HTML 5Page - Monolithic Power Systems MP6604C Datasheet HTML 6Page - Monolithic Power Systems MP6604C Datasheet HTML 7Page - Monolithic Power Systems MP6604C Datasheet HTML 8Page - Monolithic Power Systems MP6604C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP6604C
4.5V to 45V, 2.5A,
Simple Dual H-Bridge Driver (HS/LS)
MP6604C Rev. 1.1
MonolithicPower.com
1
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
DESCRIPTION
The MP6604C is a dual H-bridge motor driver
IC designed to drive stepper motors, brushed
DC motors, and other loads.
The MP6604C operates across a 4.5V to 45V
input voltage (VIN) range. It can deliver motor
current up to 2.5A per phase, depending on the
ambient temperature (TA) and PCB layout.
Internal safety and diagnostic features include
over-current
protection
(OCP),
input
over-
voltage protection (OVP), input under-voltage
protection (UVP), and thermal shutdown.
The MP6604C has separate HS and LS input
pins for each output pin.
The
MP6604C
is
available
in
QFN-28
(4mmx5mm) and TSSOP-28EP packages.
FEATURES
4.5V to 45V Operating Input Voltage (VIN)
Range
2.5A Maximum Output Current (IOUT_MAX)
Dual H-Bridge or Quad Half H-Bridge
Driver
Low 150m
Ω On Resistance (RDS(ON)) per
MOSFET
Protection Functions Include:
o
Over-Current Protection (OCP)
o
Over-Voltage Protection (OVP)
o
Under-Voltage Protection (UVP)
o
Over-Temperature (OT) Shutdown
o
Fault Indication Output
Available in QFN-28 (4mmx5mm) and
TSSOP-28EP Packages
APPLICATIONS
Bipolar Stepper Motors
Stage Lighting
3D Printers
Laser Printers and Copiers
Textile Machines
TYPICAL APPLICATION
Step
Motor
CPA
CPB
VIN
VCP
AOUT1
AOUT2
BOUT1
BOUT2
AHS1
nFAULT
VIN
MP6604C
ALS1
BHS1
BLS1
GND
AHS2
ALS2
BHS2
BLS2
PGNDA
GND
PGNDB
nSLEEP
nRESET
VREG
μC
DCM
DCM
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Qual
ity Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP6604C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6604A MPS-MP6604A Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
MP6604AGF MPS-MP6604AGF Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
MP6604AGF-Z MPS-MP6604AGF-Z Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
MP6604AGV MPS-MP6604AGV Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
MP6604AGV-Z MPS-MP6604AGV-Z Datasheet
783Kb / 20P
Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
Rev. 1.1 5/12/2023
More results

Similar Description - MP6604C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
Dual H-Bridge Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
Dual H-Bridge Motor Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
Dual H-Bridge Driver
logo
Texas Instruments
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
Dual H-Bridge Motor Driver
logo
Shenzhen Huazhimei Semi...
HM2502L HMSEMI-HM2502L Datasheet
790Kb / 9P
Single channel 2.0-7.0V 2.5A H-bridge driver chip
HM2503D HMSEMI-HM2503D Datasheet
588Kb / 6P
2.0-16V 2.5A single channel H-bridge driver chip
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
Monolithic Power System...
MP6545 MPS-MP6545 Datasheet
786Kb / 20P
45V, 2.5A, Simple Three-Phase Power Stage
Rev. 1.1 5/12/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com