Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604C Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6604C
Description  4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604C Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6604C Datasheet HTML 1Page - Monolithic Power Systems MP6604C Datasheet HTML 2Page - Monolithic Power Systems MP6604C Datasheet HTML 3Page - Monolithic Power Systems MP6604C Datasheet HTML 4Page - Monolithic Power Systems MP6604C Datasheet HTML 5Page - Monolithic Power Systems MP6604C Datasheet HTML 6Page - Monolithic Power Systems MP6604C Datasheet HTML 7Page - Monolithic Power Systems MP6604C Datasheet HTML 8Page - Monolithic Power Systems MP6604C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MP6604C
– 4.5V TO 45V, 2.5A, SIMPLE DUAL H-BRIDGE DRIVER (HS/LS)
MP6604C Rev. 1.1
MonolithicPower.com
5
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN
4.5
45
V
Quiescent current
I
INQ
nSLEEP = 1, with no load
2.8
mA
I
INSLEEP
nSLEEP = 0
0.9
10
µA
Internal MOSFETs
Output on resistance
RDS(ON)_HS
I
OUT = 1A, TJ = 25°C
135
170
mΩ
RDS(ON)_LS
I
OUT = 1A, TJ = 25°C
150
185
mΩ
Body diode forward voltage
VF
I
OUT = 1A
1.1
V
Control Logic Inputs
Logic-low input threshold
VIL
0.8
V
Logic-high input threshold
VIH
2
V
Logic input current
IIN_H
VIN = 5V
-100
+100
µA
IIN_L
VIN = 0V
-20
+20
µA
Internal pull-down resistance
R
PD
To GND
100
k
nFAULT Output
Output low voltage
VOL
IOUT = 5mA
0.5
V
Output high leakage current
IOH
VOUT = 5V
1
µA
Protection Circuits
VIN under-voltage lockout
(UVLO) rising threshold
V
IN_UVLO_RISING
4.5
V
VIN UVLO hysteresis
V
IN_UVLO_HYS
300
mV
VIN over-voltage protection
(OVP) threshold
VOVP
45
48
V
Over-current (OC) trip level
IOCP1
Sinking
3
4.5
A
IOCP2
Sourcing
3
4.5
A
OC deglitch time
tOCP
1
µs
Thermal shutdown
TTSD
165
°C
Thermal shutdown hysteresis
TTSD_HYS
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com