Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604C Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6604C
Description  4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604C Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6604C Datasheet HTML 9Page - Monolithic Power Systems MP6604C Datasheet HTML 10Page - Monolithic Power Systems MP6604C Datasheet HTML 11Page - Monolithic Power Systems MP6604C Datasheet HTML 12Page - Monolithic Power Systems MP6604C Datasheet HTML 13Page - Monolithic Power Systems MP6604C Datasheet HTML 14Page - Monolithic Power Systems MP6604C Datasheet HTML 15Page - Monolithic Power Systems MP6604C Datasheet HTML 16Page - Monolithic Power Systems MP6604C Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP6604C
– 4.5V TO 45V, 2.5A, SIMPLE DUAL H-BRIDGE DRIVER (HS/LS)
MP6604C Rev. 1.1
MonolithicPower.com
13
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Over-C
urrent Protection (OCP)
OCP circuitry limits the current through the HS-
FET and LS-FET by disabling the gate driver. If
the over-current (OC) limit threshold is reached
and lasts for longer than the OC deglitch time
(tOCP), then all the MOSFETs in the H-bridge
are disabled and nFAULT is pulled low. The
driver remains disabled until the device is reset
by pulling nRESET low or by cycling the power
on the MP6604C.
OC conditions on the HS and LS devices (e.g.
an OC condition to ground, supply, or across a
motor winding) all result in an OC shutdown.
Over-Voltage Protection (OVP)
If VIN exceeds the OVP threshold (VOVP), then
the H-bridge output is disabled and nFAULT is
pulled low. The driver remains disabled until the
device is reset by pulling nRESET low or
cycling the power on the MP6604C.
Input
Under-Voltage
Lockout
(UVLO)
Protection
If VIN falls below the under-voltage lockout
(UVLO) threshold (VIN_UVLO), then all circuitry in
the device is disabled and the internal logic
resets. Once VIN exceeds VIN_UVLO, the device
starts up again and resumes normal operation.
Thermal Shutdown
If the die temperature exceeds safe limits, all
the MOSFETs in the H-bridge are disabled and
nFAULT
is
pulled
low.
Once
the
die
temperature
returns
to
a
safe
level,
the
MP6604C automatically starts up again and
resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com