Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604C Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6604C
Description  4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604C Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6604C Datasheet HTML 7Page - Monolithic Power Systems MP6604C Datasheet HTML 8Page - Monolithic Power Systems MP6604C Datasheet HTML 9Page - Monolithic Power Systems MP6604C Datasheet HTML 10Page - Monolithic Power Systems MP6604C Datasheet HTML 11Page - Monolithic Power Systems MP6604C Datasheet HTML 12Page - Monolithic Power Systems MP6604C Datasheet HTML 13Page - Monolithic Power Systems MP6604C Datasheet HTML 14Page - Monolithic Power Systems MP6604C Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP6604C
– 4.5V TO 45V, 2.5A, SIMPLE DUAL H-BRIDGE DRIVER (HS/LS)
MP6604C Rev. 1.1
MonolithicPower.com
11
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Gate
Driver
Gate
Driver
Control
Logic
Internal
Supplies
& Ref.
Motor
Gate
Drive
Reg.
CPA
CPB
VCP
AOUT1
AOUT2
BOUT1
BOUT2
VIN
MP6604C
ISENSE
OSC
UVLO,
OVP,
and OT
Shutdown
OCP
ISENSE
OCP
VIN
VIN
VIN
PGNDA
PGNDB
VREG
AHS2
nSLEEP
nFAULT
µC
ALS2
BHS1
BLS2
AHS1
ALS1
BHS2
BLS2
nRESET
DCM
DCM
Figure 2: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com