Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604AGF Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP6604AGF
Description  Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604AGF Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP6604AGF Datasheet HTML 12Page - Monolithic Power Systems MP6604AGF Datasheet HTML 13Page - Monolithic Power Systems MP6604AGF Datasheet HTML 14Page - Monolithic Power Systems MP6604AGF Datasheet HTML 15Page - Monolithic Power Systems MP6604AGF Datasheet HTML 16Page - Monolithic Power Systems MP6604AGF Datasheet HTML 17Page - Monolithic Power Systems MP6604AGF Datasheet HTML 18Page - Monolithic Power Systems MP6604AGF Datasheet HTML 19Page - Monolithic Power Systems MP6604AGF Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP6604A
– SIMPLE, DUAL H-BRIDGE DRIVER WITH SEPARATE IN AND EN PINS
MP6604A Rev. 1.1
MonolithicPower.com
16
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
Stepper
Motor
CPA
CPB
VIN
VCP
AOUT1
AOUT2
BOUT1
BOUT2
AHS1
nFAULT
VIN
MP6604A
ALS1
BHS1
BLS1
GND
AHS2
ALS2
BHS2
BLS2
PGNDA
GND
PGNDB
nSLEEP
nRESET
VREG
μC
DCM
DCM
+
100nF
100nF 100nF
4.7μF
4.7μF
100
μF
1
μF
1μF
50m
Ω
50m
Ω
Figure 4: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com