Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604AGF Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6604AGF
Description  Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604AGF Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6604AGF Datasheet HTML 10Page - Monolithic Power Systems MP6604AGF Datasheet HTML 11Page - Monolithic Power Systems MP6604AGF Datasheet HTML 12Page - Monolithic Power Systems MP6604AGF Datasheet HTML 13Page - Monolithic Power Systems MP6604AGF Datasheet HTML 14Page - Monolithic Power Systems MP6604AGF Datasheet HTML 15Page - Monolithic Power Systems MP6604AGF Datasheet HTML 16Page - Monolithic Power Systems MP6604AGF Datasheet HTML 17Page - Monolithic Power Systems MP6604AGF Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP6604A
– SIMPLE, DUAL H-BRIDGE DRIVER WITH SEPARATE IN AND EN PINS
MP6604A Rev. 1.1
MonolithicPower.com
14
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
than the OCP deglitch time (tOCP), then all of the
MOSFETs in the H-bridge are disabled, and
nFAULT is pulled low. The driver turns on again
once the device is reset by pulling the nRESET
pin low, or by cycling the power on VIN. An OC
fault on either the HS-FET or LS-FET (e.g. an
excessive current to ground, to the supply, or
across the motor winding) can cause an OC
shutdown.
Over-Voltage Protection (OVP)
If VIN exceeds the OVP threshold, then the H-
bridge output is disabled, and nFAULT is pulled
low. The driver turns on again once the device
is reset by pulling the nRESET pin low, or by
cycling the power on VIN.
VIN
Under-Voltage
Lockout
(UVLO)
Protection
If VIN drops below the under-voltage lockout
(UVLO) threshold, then all
of the IC’s circuitry is
disabled, and the internal logic is reset. Once
VIN exceeds the UVLO threshold, the part
resumes normal operation.
Thermal Shutdown
If the die temperature the thermal shutdown
threshold (165°C), then all of the MOSFETs in
the H-bridge are disabled, and nFAULT is
pulled low. Once the die temperature drops to
150°C, the part resumes normal operation .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com