Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604AGF-Z Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6604AGF-Z
Description  Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604AGF-Z Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6604AGF-Z Datasheet HTML 1Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 2Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 3Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 4Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 5Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 6Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 7Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 8Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP6604A
– SIMPLE, DUAL H-BRIDGE DRIVER WITH SEPARATE IN AND EN PINS
MP6604A Rev. 1.1
MonolithicPower.com
4
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
QFN-28
(4mmx
5mm)
TSSOP-
28EP
1, 8
4, 11
VIN
Input supply voltage. Decouple the VIN pin to ground using a
≥100nF
ceramic capacitor. Additional bulk capacitance may be required.
2
5
AOUT1
Bridge A output terminal 1.
3
6
PGNDA
Power ground for H-bridge A outputs.
4
7
AOUT2
Bridge A output terminal 2.
5
8
BOUT2
Bridge B output terminal 2.
6
9
PGNDB
Power ground for H-bridge B outputs.
7
10
BOUT1
Bridge B output terminal 1.
11, 24
14, 28
GND
Signal ground.
12
15
VREG
Internal regulator. Connect a 1µF ceramic capacitor with X7R dielectrics
between the VREG and GND pins.
This capacitor should be rated for ≥16V.
13
16
nRESET
Reset input. Pull the nRESET pin low to reset the protection circuits and
disable the outputs. nRESET has an internal pull-down resistor.
14
17
nSLEEP
Sleep mode input. Pull the nSLEEP pin low to enter low-power sleep mode.
nSLEEP has an internal pull-down resistor.
15
18
nFAULT
Fault indication. The nFAULT pin is an open-drain output. nFAULT requires
an external pull-up resistor if used. If a fault occurs, nFAULT is pulled low.
16
20
AIN2
Control input of AOUT2. The AIN2 pin has an internal pull-down resistor.
17
21
AIN1
Control input of AOUT1. The AIN1 pin has an internal pull-down resistor.
18
22
BIN1
Control input of BOUT1. The BIN1 pin has an internal pull-down resistor.
19
23
BIN2
Control input of BOUT2. The BIN2 pin has an internal pull-down resistor.
20
24
nAEN1
AOUT1 enable. Pull nAEN1 low to enable the corresponding output
(AOUT1). nAEN1 has an internal pull-down resistor.
21
25
nAEN2
AOUT2 enable. Pull nAEN2 low to enable the corresponding output
(AOUT2). nAEN2 has an internal pull-down resistor.
22
26
nBEN1
BOUT1 enable. Pull nBEN1 low to enable the corresponding output
(BOUT1). nBEN1 has an internal pull-down resistor.
23
27
nBEN2
BOUT2 enable. Pull nBEN2 low to enable the corresponding output
(BOUT2). nBEN1 has an internal pull-down resistor.
25
1
CPA
Charge pump capacitor terminal A. Connect a 100nF ceramic capacitor
rated for the input voltage (VIN) between the CPA and CPB pins.
26
2
CPB
Charge pump capacitor terminal B. Connect a 100nF ceramic capacitor
rated for VIN between the CPA and CPB pins.
27
3
VCP
Charge pump output. Connect a 1µF ceramic capacitor between the VCP
and VIN pins.
This capacitor should be rated for ≥16V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com