Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604AGF-Z Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6604AGF-Z
Description  Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604AGF-Z Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6604AGF-Z Datasheet HTML 1Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 2Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 3Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 4Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 5Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 6Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 7Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 8Page - Monolithic Power Systems MP6604AGF-Z Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP6604A
– SIMPLE, DUAL H-BRIDGE DRIVER WITH SEPARATE IN AND EN PINS
MP6604A Rev. 1.1
MonolithicPower.com
5
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ......................-0.3V to +48V
VAOUT1, VAOUT2, VBOUT1, VBOUT2........-0.7V to +48V
VCP, VCPB ............................... …VIN to VIN + 6.5V
PGNDx to GND............................-0.3V to +0.3V
All other pins to GND ...................-0.3V to +6.5V
Continuous power dissipation (TA = 25°C) (2)
QFN-28 (4mmx5mm)
…………………….3.125W
TSSOP-28EP.
……………………..………...3.9W
Storage temperature ................ -55°C to +150°C
Junction temperature (TJ) .........................150°C
Lead temperature (solder) ........................260°C
ESD Ratings
Human body model (HBM) ........................ ±2kV
Charged device model (CDM)....................±2kV
Recommended Operating Conditions (3)
Supply voltage (VIN) .........................4.5V to 45V
PGNDx to GND............................-0.2V to +0.2V
Operating junction temp (TJ). ... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-28 (4mmx5mm).............40.........9.....°C/W
TSSOP-28EP.........................32.........6.....°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can produce an excessive die temperature, which
may cause the device to go into thermal shutdown. Internal
thermal
shutdown
circuitry
protects
the
device
from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com