Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX00087 Datasheet(PDF) 21 Page - Arduino

Part # ABX00087
Description  Arduino® UNO R4 WiFi
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00087 Datasheet(HTML) 21 Page - Arduino

Back Button ABX00087 Datasheet HTML 15Page - Arduino ABX00087 Datasheet HTML 16Page - Arduino ABX00087 Datasheet HTML 17Page - Arduino ABX00087 Datasheet HTML 18Page - Arduino ABX00087 Datasheet HTML 19Page - Arduino ABX00087 Datasheet HTML 20Page - Arduino ABX00087 Datasheet HTML 21Page - Arduino ABX00087 Datasheet HTML 22Page - Arduino ABX00087 Datasheet HTML 23Page - Arduino  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Arduino® UNO R4 WiFi
21 / 23
Arduino® UNO R4 WiFi
Modified: 29/08/2023
Certifications
15 Declaration of Conformity CE DoC (EU)
We declare under our sole responsibility that the products above are in conformity with the essential requirements
of the following EU Directives and therefore qualify for free movement within markets comprising the European
Union (EU) and European Economic Area (EEA).
16 Declaration of Conformity to EU RoHS & REACH 211
01/19/2021
Arduino boards are in compliance with RoHS 2 Directive 2011/65/EU of the European Parliament and RoHS 3
Directive 2015/863/EU of the Council of 4 June 2015 on the restriction of the use of certain hazardous substances in
electrical and electronic equipment.
Substance
Maximum Limit (ppm)
Lead (Pb)
1000
Cadmium (Cd)
100
Mercury (Hg)
1000
Hexavalent Chromium (Cr6+)
1000
Poly Brominated Biphenyls (PBB)
1000
Poly Brominated Diphenyl ethers (PBDE)
1000
Bis(2-Ethylhexyl} phthalate (DEHP)
1000
Benzyl butyl phthalate (BBP)
1000
Dibutyl phthalate (DBP)
1000
Diisobutyl phthalate (DIBP)
1000
Exemptions : No exemptions are claimed.
Arduino Boards are fully compliant with the related requirements of European Union Regulation (EC) 1907 /2006
concerning the Registration, Evaluation, Authorization and Restriction of Chemicals (REACH). We declare none of
the SVHCs (https://echa.europa.eu/web/guest/candidate-list-table), the Candidate List of Substances of Very High
Concern for authorization currently released by ECHA, is present in all products (and also package) in quantities
totaling in a concentration equal or above 0.1%. To the best of our knowledge, we also declare that our products
do not contain any of the substances listed on the "Authorization List" (Annex XIV of the REACH regulations) and
Substances of Very High Concern (SVHC) in any significant amounts as specified by the Annex XVII of Candidate list
published by ECHA (European Chemical Agency) 1907 /2006/EC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com