Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

310 Datasheet(PDF) 6 Page - Morse Mfg. Co., Inc.

Part # 310
Description  Tilt-To-Load Drum Tumblers Feature Power-Tilt to Enable Easy, Floor-Level Loading
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

310 Datasheet(HTML) 6 Page - Morse Mfg. Co., Inc.

  310 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 5Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 6Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MADE
IN
USA
morsedrum.com
Copyright 2022 - Morse Mfg. Co., Inc.
Spec Sheet F310
(Updated 23 Aug., 2022)
6
The Specialist In Drum Handling Equipment
310 Series
Drum Tumblrs TM
Guard Enclosure Kit #
Description
Gate Switch
GEK-310-1
Fits Tilt-To-Load Drum Tumbler with 1-phase electric motor
AC
GEK-310-3
Fits Tilt-To-Load Drum Tumbler with 3-phase electric motor
AC
GEK-310-E1
Fits Tilt-To-Load Drum Tumbler with Explosion-proof 1-phase electric motor
AC
GEK-310-E3
Fits Tilt-To-Load Drum Tumbler with Explosion-proof 3-phase electric motor
AC
GEK-310-A
Fits Tilt-To-Load Drum Tumbler with Air motor
Air
Guard Enclosure Kits with Safety Interlock (sold separately)
Guard Enclosures for Morse Tilt-To-Load Drum Tumblers have a
safety interlock to automatically shut off the Drum Tumbler when the
gate is opened. Open the enclosure gate, place your drum onto the
drum Tumbler, then close the gate to allow operation. Connections are
included for air powered model only. Morse Control Packages (page 3)
provide controls and connections for AC models.
All Morse Control Packages (see page 3) include a low-voltage
transformer and wire terminals required to connect the external safety
interlock switch of these Guard Enclosure Kits. Morse Control Packages
and Enclosures meet OSHA regulations ONLY when installed properly
with safety interlock.
Comply with OSHA Requirements with a Morse Guard Enclosure Kit (Sold Separately)
Install all Morse Rotators in accordance with local requirements for
enclosure and safety interlock, etc. One way to accomplish this is with
a Morse enclosure with safety interlock, so the rotator automatically
turns off when enclosure door is opened. Power connections and motor
controls must also comply with applicable local codes.
For OSHA compliance in the USA, see OSHA subpart O.1910.212(a)
(4) “Barrels, containers, and drums. Revolving drums, barrels, and
containers shall be guarded by an enclosure which is interlocked with
the drive mechanism, so that the barrel, drum, or container cannot
revolve unless the guard enclosure is in place.”
Outside Post-to-Post Dimensions of Enclosures
L88” x W52” x H63.25” (224 x 132 x 161 cm)
Guard Enclosure with safety interlock
(shown with Drum Tumbler and
Control Package each sold separately)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com