Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

310 Datasheet(PDF) 4 Page - Morse Mfg. Co., Inc.

Part # 310
Description  Tilt-To-Load Drum Tumblers Feature Power-Tilt to Enable Easy, Floor-Level Loading
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

310 Datasheet(HTML) 4 Page - Morse Mfg. Co., Inc.

  310 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 5Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 6Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MADE
IN
USA
morsedrum.com
Copyright 2022 - Morse Mfg. Co., Inc.
Spec Sheet F310
(Updated 23 Aug., 2022)
4
The Specialist In Drum Handling Equipment
310 Series
Drum Tumblrs TM
Tilt-To-Load Drum Tumblers
Control Packages
See Page 3
Guard Enclosure Kits
See Page 4
Model #
Drum RPM
(22.5” Dia.)
Motor Information
Kit #
Motor Style
HP Phase
Motor
Voltage
Amp
Draw
Option #
310-1
5 to 20
60 Hz TEFC
2
1
115
23 †
CP-310-1-115 *
GEK-310-1
208
12
CP-310-1-230 *
230
11.5
310-3
5 to 20
60Hz TEFC
2
3
208
5.3
CP-310-3-230 *
GEK-310-3
230
5.0
460
2.5
CP-310-3-460 *
310-3-575
5 to 20
60Hz TEFC
2
3
575
2.0
CP-310-3-575 *
GEK-310-3
310-E1
5 to 20
60Hz Explosion proof **
2
1
115
21 †
CP-310-E1-115 *
GEK-310-E1
208
11.5
CP-310-E1-208 *
230
10.5
CP-310-E1-230 *
310-E3
5 to 20
60Hz Explosion proof **
2
3
208
5.3
CP-310-E3-208 *
GEK-310-E3
230
5.0
CP-310-E3-230 *
460
2.5
CP-310-E3-460 *
310-A
5 to 20
Air Motor ***
-
-
-
-
Air Controls are included
with model 310-A ***
GEK-310-A
Models for Countries with 50Hz Power Supply
310-1-50
4 ro 16
50Hz TEFC
2
1
220
9.7
CP-310-1-220-50 *
GEK-310-1
310-3-50
4 to 16
50Hz TEFC
2
3
230
5.0
CP-310-3-230-50 *
GEK-310-3
400
2.9
CP-310-3-400-50 *
310-E1-50
4 to 16
50Hz Explosion proof **
2
1
220
9.8
CP-310-E1-220-50 *
GEK-310-E1
310-E3-50
4 to 16
50Hz Explosion proof **
2
3
230
5.5
CP-310-E3-230-50 *
GEK-310-E3
400
3.2
CP-310-E3-400-50 *
*
ONLY NON-Explosion Proof AC Control Packages include a pre-wired control box.
Explosion-proof Control Packages have no wiring from the NEMA 7/9 control box to
the motor. Please consult an electrician to complete the wiring in accordance to local
code.
** Explosion-proof motors are rated for Class I Group D, and Class II Groups F and G.
*** Air powered model requires plant air at 50 to 60 PSI and flowing at a rate of 60
SCFM. Filter, Regulator, Lubricator and valve are included with drum Tumbler model
310-A.
† Requires 30 Amp circuit, and can have amp spikes higher than that.
Crates for Export
Export Crate #
Description
3212X-P
Fully Enclosed Crate for Export of (1) Tilt-To-Load Drum Tumbler
4463X-P
Fully Enclosed Crate for Export of (1) Guard Enclosure Kit
5480X-P
Fully Enclosed Crate for Export of (1) Tilt-To-Load Drum Tumbler, (1) Control Package and (1) Guard Enclosure Kit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com