Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5DS64M4AT Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # NT5DS64M4AT
Description  256Mb Double Data Rate SDRAM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NT5DS64M4AT Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button NT5DS64M4AT Datasheet HTML 28Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 29Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 30Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 31Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 32Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 33Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 34Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 35Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
32
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Write Burst (Burst Length = 4)
T1
T2
T3
T4
tDQSS (max)
NOP
NOP
NOP
Write
DI a-b = data in for bank a, column b.
3 subsequent elements of data in are applied in the programmed order following DI a-b.
A non-interrupted burst is shown.
A10 is Low with the Write command (Auto Precharge is disabled).
CK
CK
Command
Address
DQS
DQ
DM
Don’t Care
Maximum DQSS
BA a, COL b
T1
T2
T3
T4
tDQSS (min)
NOP
NOP
NOP
Write
CK
CK
Command
Address
DQS
Minimum DQSS
BA a, COL b
DQ
DM
Dla-b
Dla-b
QFC
tQCSW(max)
tQCHW(min)
(Optional)
QFC
tQCSW(max)
tQCHW(max)
QFC is an open drain driver. Its output high level is achieved through an externally connected pull up resistor connected to VDDQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com