Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5DS64M4AT Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # NT5DS64M4AT
Description  256Mb Double Data Rate SDRAM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NT5DS64M4AT Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button NT5DS64M4AT Datasheet HTML 35Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 36Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 37Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 38Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 39Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 40Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 41Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 42Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
39
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Write to Read: Nominal DQSS, Interrupting (CAS Latency = 2; Burst Length = 8)
T1
T2
T3
T4
T5
T6
tDQSS (nom)
NOP
NOP
NOP
Read
Write
NOP
DI a-b = data in for bank a, column b.
An interrupted burst is shown, 4 data elements are written.
3 subsequent elements of data in are applied in the programmed order following DI a-b.
tWTR is referenced from the first positive CK edge after the last desired data in pair.
The Read command masks the last 2 data elements in the burst.
A10 is Low with the Write command (Auto Precharge is disabled).
The Read and Write commands are not necessarily to the same bank.
DI a-b
CK
CK
Command
Address
DQS
DQ
DM
Don’t Care
BAa, COL b
BAa, COL n
tWTR
CL = 2
1 = These bits are incorrectly written into the memory array if DM is low.
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com