Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3443 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SD3443
Description  Silicon Phototransistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SD3443 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SD3443 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SD3443 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SD3443 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SD3443 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Phototransistor
SD3443/5443
DESCRIPTION
FEATURES
TO-46 metal can package
•
Choice of flat window or lensed package
•
90¡ or 18¡ (nominal) acceptance angle option
•
Wide operating temperature range
(- 55¡C to +125¡C)
•
External base connection for added control
•
High sensitivity
•
Mechanically and spectrally matched to
SE3450/5450, SE3455/5455 and SE3470/5470
infrared emitting diodes
•
The SD3443/5443 series consists of an NPN silicon
phototransistor mounted in a TO-46 metal can package.
The SD3443 has flat window cans providing a wide
acceptance angle, while the SD5443 has glass lensed
cans providing a narrow acceptance angle. The TO-46
packages are ideally suited for operation in hostile
environments.
The base is connected on all SD3443 and SD5433
standard products.
INFRA-57.TIF
OUTLINE DIMENSIONS in inches (mm)
3 plc decimals
±0.005(0.12)
Tolerance
2 plc decimals
±0.020(0.51)
3. COLLECTOR
2. BASE
1. EMITTER(TAB)
LEADS:
.046(1.17)
.036(.91)
2
1
3
DIA.
(.460)
.018
MIN.
(12.70)
.500
(0.36)
.015
.140 (3.56)
.153 (3.89)
DIA.
.137 (3.48)
.160 (4.06)
.188 (4.77)
.178 (4.52)
DIA.
DIA.
.208 (5.28)
.219 (5.56)
.100(2.54)DIA
NOM
(CASE)
45°
.048(1.22)
.028(.71)
DIM_015.ds4
SD3443
DIM_15b.ds4
SD5443
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
108


Similar Part No. - SD3443

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SD3443 HONEYWELL-SD3443 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
February 2012
More results

Similar Description - SD3443

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61048 MICROPAC-61048 Datasheet
95Kb / 2P
SILICON PHOTOTRANSISTOR
61058 MICROPAC-61058 Datasheet
90Kb / 2P
SILICON PHOTOTRANSISTOR
logo
Vishay Siliconix
TEMT1020 VISHAY-TEMT1020 Datasheet
355Kb / 9P
Silicon Phototransistor
08-Mar-05
logo
List of Unclassifed Man...
ST-8LR2 ETC1-ST-8LR2 Datasheet
37Kb / 2P
SILICON PHOTOTRANSISTOR
logo
OPTEK Technologies
OP570 OPTEK-OP570 Datasheet
342Kb / 4P
Silicon Phototransistor
logo
Honeywell Accelerometer...
SD2440-001 HONEYWELL-ACC-SD2440-001 Datasheet
441Kb / 4P
Silicon Phototransistor
SD1440-002 HONEYWELL-ACC-SD1440-002 Datasheet
415Kb / 4P
Silicon Phototransistor
SDP8436-004 HONEYWELL-ACC-SDP8436-004 Datasheet
455Kb / 4P
Silicon Phototransistor
SD1440-004 HONEYWELL-ACC-SD1440-004 Datasheet
415Kb / 4P
Silicon Phototransistor
SD2440-004 HONEYWELL-ACC-SD2440-004 Datasheet
441Kb / 4P
Silicon Phototransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com