Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3443 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SD3443
Description  Silicon Phototransistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SD3443 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SD3443 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SD3443 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SD3443 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SD3443 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Phototransistor
SD3443/5443
ELECTRICAL CHARACTERISTICS
UNITS
TEST CONDITIONS
MIN
PARAMETER
SYMBOL
TYP
MAX
ABSOLUTE MAXIMUM RATINGS
(25¡C Free-Air Temperature unless otherwise noted)
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Power Dissipation
150 mW [À]
Operating Temperature Range
-55¡C to 125¡C
Storage Temperature Range
-65¡C to 150¡C
Soldering Temperature (10 sec)
260¡C
Notes
1. Derate linearly from 25¡C free-air temperature at the rate of
1.43 mW/¡C.
SCHEMATIC
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
109



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com