Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2159S Datasheet(PDF) 21 Page - International Rectifier

Part # IR2159S
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159S Datasheet(HTML) 21 Page - International Rectifier

Back Button IR2159S Datasheet HTML 17Page - International Rectifier IR2159S Datasheet HTML 18Page - International Rectifier IR2159S Datasheet HTML 19Page - International Rectifier IR2159S Datasheet HTML 20Page - International Rectifier IR2159S Datasheet HTML 21Page - International Rectifier IR2159S Datasheet HTML 22Page - International Rectifier IR2159S Datasheet HTML 23Page - International Rectifier IR2159S Datasheet HTML 24Page - International Rectifier IR2159S Datasheet HTML 25Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
IR2159/IR21591 (S)
www.irf.com
21
detection comparator for 400ns after LO goes 'high'
(Figure 15).
11
12
COM
LO
10
CS
1.6V
Q2
RCS
16
HO
Q2
15
VS
Half
Bridge
Output
I
LOAD
V
BUS (+)
V
BUS (-)
Load
Return
Half
Bridge
Driver
IR2159
PHASE
CONTROL
FAULT
LOGIC
400ns
BLANK
R1
Figure 14, Current sensing circuitry.
The internal blank time reduces the dimming range
slightly (Figure 15) when operating at minimum
phase shift (maximum lamp power). The external
programming resistor on pin MAX must be
selected such that the minimum phase shift is
set a safe margin away from the blank time. A
series resistor (R1) is required to limit the amount
of current flowing out of pin CS when the voltage
across RCS goes below -0.7V. A filter capacitor
at pin CS may be required due to other possible
asynchronous noise sources present in the ballast
system.
J
BLANK
V
CS
t
LO
Switching
Noise
Dimming
Range
Figure 15, Current sense timing diagram.
Fault Mode (FAULT)
During dimming, the peak current regulation circuit
active during preheat and ignition is disabled.
Should non-zero voltage switching at the output
of the half-bridge occur (Figure 18), high current
spikes will result. A lamp filament failure, lamp
end-of-life, lamp removal, or a deadtime shorter
than what is required for commutation, can all
cause hard-switching.
t
t
VS
HO
LO
VCS
1.6V
NORMAL
OPERATION
HARD
SWITCHING
FAULT
LOAD
REMOVAL
Figure 18, hard-switching with latch off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com