Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2159S Datasheet(PDF) 13 Page - International Rectifier

Part # IR2159S
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159S Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2159S Datasheet HTML 9Page - International Rectifier IR2159S Datasheet HTML 10Page - International Rectifier IR2159S Datasheet HTML 11Page - International Rectifier IR2159S Datasheet HTML 12Page - International Rectifier IR2159S Datasheet HTML 13Page - International Rectifier IR2159S Datasheet HTML 14Page - International Rectifier IR2159S Datasheet HTML 15Page - International Rectifier IR2159S Datasheet HTML 16Page - International Rectifier IR2159S Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
IR2159/IR21591 (S)
www.irf.com
13
20
24
28
32
36
40
-25
0
25
50
75
100
125
Temperature °C
4
4.4
4.8
5.2
5.6
6
-25
0
25
50
75
100
125
Temperature °C
Graph 13. IIPH vs Temperature (IR2159/IR21591)
Graph 14.VFMIN vs Temperature (IR2159/IR21591)
Graph 16. Frequency vs Temperature
VVCO= 2V (IR2159/IR21591)
Graph 15. Frequency vs Temperature
VVCO= 0V (IR2159/IR21591)
25
30
35
40
45
50
55
-25
0
25
50
75
100
125
Temperature °C
IR2159
IR21591
55
60
65
70
75
80
85
90
95
100
105
110
-25
0
25
50
75
100
125
Temperature °C
IR2159
IR21591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com