Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1471 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1471
Description  Power Supply Controller for Portable Pentium III SpeedStep Processors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1471 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1471 Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
www.semtech.com
POWER MANAGEMENT
SC1471
Power Supply Controller for Portable
Pentium® III SpeedStep™ Processors
Description
.eatures
Applications
Revision 2, March 2001
The SC1471 PowerStep™ II controller is a high speed,
high performance hysteretic mode PWM controller.
Teamed with the SC1405 Smart Driver™ , it powers ad-
vanced Intel® Pentium® III processors. The SC1471 fea-
tures extended Intel Mobile Voltage Positioning (IMVP) to
increase battery life by reducing the voltage at the pro-
cessor when it is heavily loaded. It directly supports Intel®
SpeedStep™ processors for even longer battery life, in-
cluding IMVP extensions. The SC1471 incorporates di-
rect “deeper sleep” mode support, which eliminates an
external multiplexer in many applications.
A 5-bit DAC, accurate to 0.85%, sets the output voltage
reference and implements the 0.600V to 1.750V range
required by the processor. The hysteretic converter uses
a comparator without an error amplifier, and therefore
provides the fastest possible transient response, while
avoiding the stability issues inherent to classical PWM
controllers.
The SC1471 operates from either 3.3Vdc or 5Vdc Vcc
and also features soft-start, an open-drain power-good
indication with power-good blanking, and an enable in-
put. Programmable current limiting uses a separate com-
parator to protect against overloads and short-circuits.
In addition, it comes in a space-saving TSSOP-24 pack-
age.
K Direct “deeper sleep” mode support
K High-speed hysteretic controller provides high
efficiency over a wide operating load range
K .astest possible transient response
K Inherently stable
K Integrated extended IMVP support
K Programmable core voltage for Pentium® III proces-
sors
K Native Intel® SpeedStep™ support with PWRGD
blanking
K Proportional overvoltage protection
K Overcurrent shutdown after 32 overcurrent pulses
K SC1471A also available for VID controlled “Deeper
Sleep” mode
K Laptop and notebook computers
K High performance microprocessor-based systems
K High efficiency distributed power supplies
Typical Application Circuit
SC1471
Extended IMVP
CONTROLLER
VID [4:0]
SC1405C
Smart
MOSFET
Driver
Lo
+VCC_CPU_CORE
Co
+V_IN
+V_5
0.600V-1.75V
Up to 25A
Extended
IMVP
Logic
PWM
Controller
Power
Control
Signals
Control
Signals
SC1471
Extended IMVP
CONTROLLER
VID [4:0]
SC1405C
Smart
MOSFET
Driver
Lo
+VCC_CPU_CORE
Co
+V_IN
+V_5
0.600V-1.75V
Up to 25A
Extended
IMVP
Logic
PWM
Controller
Power
Control
Signals
Control
Signals


Similar Part No. - SC1471

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC147 NJSEMI-SC147 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1470 SEMTECH-SC1470 Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1470EVB SEMTECH-SC1470EVB Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1470ITSTR SEMTECH-SC1470ITSTR Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1470ITSTRT SEMTECH-SC1470ITSTRT Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
More results

Similar Description - SC1471

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1406 SEMTECH-SC1406 Datasheet
109Kb / 11P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406A SEMTECH-SC1406A Datasheet
175Kb / 17P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406G SEMTECH-SC1406G Datasheet
562Kb / 28P
Power Supply Controller for Portable Pentium II & III SpeedStep Processors
logo
Analog Devices
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV.A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
ADP3157 AD-ADP3157 Datasheet
173Kb / 12P
5-Bit Programmable Synchronous Controller for Pentium III Processors
REV.A
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
Portable Pentium Dual Phase Power Supply Controller
logo
AAEON Technology
PCM-6890B AAEON-PCM-6890B Datasheet
372Kb / 1P
Intel Pentium III and Celeron Processors
PCM-6897 AAEON-PCM-6897 Datasheet
678Kb / 1P
Intel Pentium III or Celeron Processors
PCM-6897L AAEON-PCM-6897L Datasheet
726Kb / 1P
Intel Pentium III or Celeron Processors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com