Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3154 Datasheet (PDF) - Analog Devices

ADP3154 Datasheet PDF - Analog Devices
Part # ADP3154
Download  ADP3154 Download
File Size   187.29 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5-Bit Programmable Dual Power Supply Controller for Pentium III Processors

ADP3154 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3154 Datasheet PDF - Analog Devices

Part # ADP3154
Download  ADP3154 Click to download

File Size   187.29 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5-Bit Programmable Dual Power Supply Controller for Pentium III Processors

ADP3154 Datasheet (HTML) - Analog Devices


ADP3154 Product details

GENERAL DESCRIPTION
The ADP3154 is a highly efficient synchronous buck switching regulator controller optimized for converting the 5 V main supply into the core supply voltage required by the Pentium III and other high performance processors.
   
FEATURES
    Active Voltage Positioning with Gain and Offset
        Adjustment
    Optimal Compensation for Superior Load Transient
        Response
    VRM 8.2, VRM 8.3 and VRM 8.4 Compliant
    5-Bit Digitally Programmable 1.3 V to 3.5 V Output
    Dual N-Channel Synchronous Driver
    Onboard Linear Regulator Controller
    Total Output Accuracy 61% Over Temperature
    High Efficiency, Current-Mode Operation
    Short Circuit Protection
    Overvoltage Protection Crowbar Protects
        Microprocessors with No Additional External
            Components
    Power Good Output
    TSSOP-20 Package
   
APPLICATIONS
    Desktop PC Power Supplies for:
        Pentium II and Pentium III Processor Families
        AMD-K6 Processors
        VRM Modules
   




Similar Part No. - ADP3154

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3152 AD-ADP3152 Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3152AR AD-ADP3152AR Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3153ARU AD-ADP3153ARU Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
5-Bit Programmable Dual Power Supply Controller
REV. 0
More results


Similar Description - ADP3154

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
Apr-1999
logo
Semtech Corporation
SC1406G SEMTECH-SC1406G Datasheet
562Kb / 28P
Power Supply Controller for Portable Pentium II & III SpeedStep Processors
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
ADP3157 AD-ADP3157 Datasheet
173Kb / 12P
5-Bit Programmable Synchronous Controller for Pentium III Processors
REV.A
logo
Linear Technology
LTC1753 LINER-LTC1753 Datasheet
269Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
logo
Semtech Corporation
SC1471 SEMTECH-SC1471 Datasheet
49Kb / 1P
Power Supply Controller for Portable Pentium III SpeedStep Processors
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
5-Bit Programmable Dual Power Supply Controller
REV. 0
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
Linear Technology
LTC1753 LINER-LTC1753_15 Datasheet
257Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com