Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3154 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3154
Description  5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3154 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3154 Datasheet HTML 2Page - Analog Devices ADP3154 Datasheet HTML 3Page - Analog Devices ADP3154 Datasheet HTML 4Page - Analog Devices ADP3154 Datasheet HTML 5Page - Analog Devices ADP3154 Datasheet HTML 6Page - Analog Devices ADP3154 Datasheet HTML 7Page - Analog Devices ADP3154 Datasheet HTML 8Page - Analog Devices ADP3154 Datasheet HTML 9Page - Analog Devices ADP3154 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
ADP3154
–6–
VCC
SD
DRIVE1
SENSE+
SENSE–
DRIVE2
PGND
AGND
CT
CMP
12V
1k
1 F
4700pF
0.1 F
VOUT
1.2V
100k
0.1 F
ADP3154
OP27
Figure 13. Closed-Loop Test Circuit for Accuracy
THEORY OF OPERATION
The ADP3154 uses a current-mode, constant-off-time control
technique to switch a pair of external N-channel MOSFETs in a
synchronous buck topology. Constant off-time operation offers
several performance advantages, including that no slope com-
pensation is required for stable operation. A unique feature of
the constant-off-time control technique is that since the off-time
is fixed, the converter’s switching frequency is a function of the
ratio of input voltage to output voltage. The fixed off-time is
programmed by the value of an external capacitor connected to
the CT pin. The on-time varies in such a way that a regulated
output voltage is maintained as described below in the cycle-by-
cycle operation. Under fixed operating conditions the on-time
does not vary, and it only varies slightly as a function of load.
This means that switching frequency is fairly constant in stan-
dard VRM applications. In order to maintain a ripple current in
the inductor that is independent of the output voltage (which
also helps control losses and simplify the inductor design), the
off-time is made proportional to the value of the output voltage.
Normally, the output voltage is constant and therefore the off-
time is constant as well.
Active Voltage Positioning
The output voltage is sensed at the SENSE– pin. A voltage-error
amplifier, (gm), amplifies the difference between the output voltage
and a programmable reference voltage. The reference voltage is
programmed to between 1.3 V and 3.5 V by an internal 5-bit
DAC, which reads the code at the voltage identification (VID)
pins. Refer to Table I for output voltage vs. VID pin code infor-
mation. A unique supplemental regulation technique called
active voltage positioning with optimal compensation adjusts the
output voltage as a function of the load current so that it is al-
ways optimally positioned for a load transient. Standard (pas-
sive) voltage positioning, sometimes recommended for use with
other architectures, has poor dynamic performance which ren-
ders it ineffective under the stringent repetitive transient condi-
tions specified in Intel VRM documents. Consequently, such
techniques do not allow the minimum possible number of out-
put capacitors to be used. Optimally compensated active voltage
positioning as used in the ADP3154 provides a bandwidth for
transient response that is limited only by parasitic output induc-
tance. This yields optimal load transient response with the
minimum number of output capacitors.
Table I. Output Voltage vs. VID Code
VID4
VID3
VID2
VID1
VID0
VOUT
011111.30
011101.35
011011.40
011001.45
010111.50
010101.55
010011.60
010001.65
001111.70
001101.75
001011.80
001001.85
000111.90
000101.95
000012.00
000002.05
11111No CPU—Shutdown
111102.10
111012.20
111002.30
110112.40
110102.50
110012.60
110002.70
101112.80
101102.90
101013.00
101003.10
100113.20
100103.30
100013.40
100003.50
Cycle-by-Cycle Operation
During normal operation (when the output voltage is regulated),
the voltage-error amplifier and the current comparator (CMPI)
are the main control elements. (See the block diagram of Figure
3.) During the on-time of the high side MOSFET, CMPI moni-
tors the voltage between the SENSE+ and SENSE– pins. When
the voltage level between the two pins reaches the threshold level
VT1, the high side drive output is switched to ground, which
turns off the high side MOSFET. The timing capacitor CT is
then discharged at a rate determined by the off-time controller.
While the timing capacitor is discharging, the low side drive
output goes high, turning on the low side MOSFET. When the
voltage level on the timing capacitor has discharged to the thresh-
old voltage level VT2, comparator CMPT resets the SR flip-flop.
The output of the flip-flop forces the low side drive output to go
low and the high side drive output to go high. As a result, the low
side switch is turned off and the high side switch is turned on.
The sequence is then repeated. As the load current increases, the
output voltage starts to decrease. This causes an increase in the
output of the voltage-error amplifier, which, in turn, leads to an
increase in the current comparator threshold VT1, thus tracking
the load current. To prevent cross conduction of the external
MOSFETs, feedback is incorporated to sense the state of the driver
output pins. Before the low side drive output can go high, the
high side drive output must be low. Likewise, the high side drive
output is unable to go high while the low side drive output is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com