Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3154 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3154
Description  5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3154 Datasheet(HTML) 3 Page - Analog Devices

  ADP3154 Datasheet HTML 1Page - Analog Devices ADP3154 Datasheet HTML 2Page - Analog Devices ADP3154 Datasheet HTML 3Page - Analog Devices ADP3154 Datasheet HTML 4Page - Analog Devices ADP3154 Datasheet HTML 5Page - Analog Devices ADP3154 Datasheet HTML 6Page - Analog Devices ADP3154 Datasheet HTML 7Page - Analog Devices ADP3154 Datasheet HTML 8Page - Analog Devices ADP3154 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
ADP3154
–3–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1–4, 20
VID1–VID4,
Voltage Identification DAC Inputs. These pins are pulled up to an internal reference, providing a
VID0
logic one if left open. The DAC output programs the SENSE–regulation voltage from 1.3 V to 3.5 V.
Leaving all five DAC inputs open results in placing the ADP3154 into shutdown.
5
AGND
Analog Ground. All internal signals of the ADP3154 are referenced to this ground.
6
SD
Shutdown. A logic high will place the ADP3154 in shutdown and disable both outputs. This pin is
internally pulled down.
7
FB
This pin is the feedback connection for the linear controller. Connect to the resistor divider network to
set its output voltage.
8, 18
NC
No Connect.
9
VLDO
Gate Drive for the Linear Regulator N-channel MOSFET.
10
SENSE–
Connects to the internal resistor divider that senses the output voltage. This pin is also the reference
input for the current comparator.
11
SENSE+
The (+) input for the current comparator. The output current is sensed as a voltage at this pin with
respect to SENSE–.
12
CT
External capacitor CT connection to ground sets the off time of the device.
13
CMP
Error Amplifier output and compensation point. The voltage at this output programs the output cur-
rent control level between the SENSE pins.
14
PWRGD
Power Good. An open drain signal indicates that the output voltage is within a
±5% regulation band.
15
VCC
Supply Voltage to ADP3154.
16
DRIVE2
Gate Drive for the (bottom) synchronous rectifier N-channel MOSFET. The voltage at DRIVE2
swings from ground to VCC.
17
DRIVE1
Gate Drive for the buck switch N-channel MOSFET. The voltage at DRIVE1 swings from ground to
VCC.
19
PGND
Power Ground. The drivers turn off the buck and synchronous MOSFETs by discharging their gate
capacitances to this pin. PGND should have a low impedance path to the source of the synchronous
MOSFET.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
ADP3154
NC = NO CONNECT
SENSE–
VLDO
NC
VID2
VID3
VID4
FB
SD
AGND
SENSE+
CT
CMP
PGND
NC
DRIVE1
PWRGD
VCC
DRIVE2
VID1
VID0
ABSOLUTE MAXIMUM RATINGS*
Input Supply Voltage (VCC) . . . . . . . . . . . . . . –0.3 V to +16 V
Shutdown Input Voltage . . . . . . . . . . . . . . . . –0.3 V to +16 V
Operating Ambient Temperature Range . . . . . 0
°C to +70°C
Junction Temperature Range . . . . . . . . . . . . . 0
°C to +150°C
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . +300
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADP3154JRU
0
°C to +70°C
Thin Shrink Small
RU-20
Outline (TSSOP)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3154 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com