Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR23MF11NIPF Datasheet(PDF) 1 Page - Sharp Corporation

Part # PR23MF11NIPF
Description  Non-Zero Cross type DIP 8pin Triac output SSR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR23MF11NIPF Datasheet(HTML) 1 Page - Sharp Corporation

  PR23MF11NIPF Datasheet HTML 1Page - Sharp Corporation PR23MF11NIPF Datasheet HTML 2Page - Sharp Corporation PR23MF11NIPF Datasheet HTML 3Page - Sharp Corporation PR23MF11NIPF Datasheet HTML 4Page - Sharp Corporation PR23MF11NIPF Datasheet HTML 5Page - Sharp Corporation PR23MF11NIPF Datasheet HTML 6Page - Sharp Corporation PR23MF11NIPF Datasheet HTML 7Page - Sharp Corporation PR23MF11NIPF Datasheet HTML 8Page - Sharp Corporation PR23MF11NIPF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PR23MF11NSZ Series
PR33MF11NSZ Series
■ Features
IT(rms)≤0.3A, Non-Zero Cross type
DIP 8pin
Triac output SSR
1. Output current, IT(rms)≤0.3A
2. Non-zero crossing functionary
3. 8 pin DIP package (SMT gullwing also available)
4. High repetitive peak off-state voltage
(VDRM : 600V, PR33MF11NSZ Series)
(VDRM : 400V, PR23MF11NSZ Series)
5. Superior noise immunity (dV/dt : MIN. 100V/µs)
6. Response time, ton : MAX. 100µs
7. Lead-free terminal components are also available
(see Model Line-up section in this datasheet)
8. High isolation voltage between input and output
(Viso(rms) : 4.0kV)
■ Description
PR23MF11NSZ Series and PR33MF11NSZ Series
Solid State Relays (SSR) are an integration of an
infrared emitting diode (IRED), a Phototriac Detector
and a main output Triac. These devices are ideally
suited for controlling high voltage AC loads with solid
state reliability while providing 4.0kV isolation
(Viso(rms)) from input to output.
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PR23MF11NSZ Series
PR33MF11NSZ Series
Sheet No.: D4-A00301EN
Date Mar. 31. 2004
© SHARP Corporation
■ Agency approvals/Compliance
1. Isolated interface between high voltage AC devices
and lower voltage DC control circuitry.
2. Switching motors, fans, heaters, solenoids, and
valves.
3. Phase or power control in applications such as
lighting and temperature control equipment.
■ Applications
1. Recognized by UL508, file No. E94758 (as model No.
R23MF1/R33MF1)
2. Approved by CSA 22.2 No.14, file No. LR63705 (as
model No. R23MF1/R33MF1)
3. Optionary available VDE approved (∗)(DIN EN 60747-5-
2), file No. 40008898 (only for PR33MF11NSZ Series
as model No. R33MF1)
4. Package resin : UL flammability grade (94V-0)
(∗) DIN EN60747-5-2 : successor standard of DIN VDE0884.
Up to Date code "RD" (December 2003), approval of DIN
VDE0884.
From Date code "S1" (January 2004), approval of DIN
EN60747-5-2.


Similar Part No. - PR23MF11NIPF

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
PR23 SAMESKY-PR23 Datasheet
389Kb / 6P
POWER RELAY
09/12/2024
PR23-12V-900-1A SAMESKY-PR23-12V-900-1A Datasheet
389Kb / 6P
POWER RELAY
09/12/2024
PR23-12V-900-1C SAMESKY-PR23-12V-900-1C Datasheet
389Kb / 6P
POWER RELAY
09/12/2024
PR23-24V-900-1A SAMESKY-PR23-24V-900-1A Datasheet
389Kb / 6P
POWER RELAY
09/12/2024
PR23-24V-900-1C SAMESKY-PR23-24V-900-1C Datasheet
389Kb / 6P
POWER RELAY
09/12/2024
More results

Similar Description - PR23MF11NIPF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
Zero Cross type DIP 8pin Triac output SSR
PR31MA11NTZ SHARP-PR31MA11NTZ Datasheet
263Kb / 14P
Non-Zero Cross type DIP 6pin SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
Non-Zero Cross type DIP 8pin Triac output SSR
PR39MF51NSZ SHARP-PR39MF51NSZ Datasheet
275Kb / 14P
Cost effective Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF11NIP SHARP-PR26MF11NIP Datasheet
317Kb / 15P
IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com