Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI341ARFFE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3HDMI341ARFFE
Description  3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI341ARFFE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI341ARFFE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
P-1.1
12/20/06
PI3HDMI341AR
3:1 Active HDMI 1.3 Compatible Switch with Optimized
Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Storage Temperature .................................................... –65°C to +150°C
Supply Voltage to Ground Potential................................–0.5V to +4.0V
DC Input Voltage ...............................................................–0.5V to VCC
DC Output Current....................................................................... 120mA
Power Dissipation ........................................................................... 1.0W
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to ab-
solute maximum rating conditions for extended periods may
affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Supply Voltage
3135
3.3
3465
V
TA
Operating free-air temperature
0
70
°C
TMDS Differential Pins (A/B)
VID
Receiver peak-to-peak differential input voltage
150
1560
mVp-p
VIC
Input common mode voltage
2
VCC + 0.01
V
VCC
TMDS output termination voltage
3.135
3.3
3.465
V
RT
Termination resistance
45
50
55
ohm
Signaling rate
0
1.65
Gbps
Control Pins (OC_Sx, EQ_Sx, S, OE)
VIH
LVTTL High-level input voltage
2
VCC
V
VIL
LVTTL Low-level input voltage
GND
0.8
DDC Pins (SCL, SCL_SINK, SDA, SDA_SINK)
VI(DDC)
Input voltage
GND
5.5
V
Status Pins (HPD_SINK)
VIH
LVTTL High-level input voltage
2
5.3
V
VIL
LVTTL Low-level input voltage
GND
0.8
06-0340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com