Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI341ARFFE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3HDMI341ARFFE
Description  3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI341ARFFE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI341ARFFE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3HDMI341ARFFE Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
P-1.1
12/20/06
PI3HDMI341AR
3:1 Active HDMI 1.3 Compatible Switch with Optimized
Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Units
Control Pins (OC_Sx, EQ_Sx, S, OE)
|IIH|
High-level digital input current
VIH= 2.0V or VCC
0.1
2
μA
|IIL|
Low-level digital input current
VIL = GND or 0.8V
0.1
2
Status Pins (HPD_SINK)
|IIH|
High-level digital input current
VIH = 5.3V
23
100
μA
VIH = 2.0V or VCC
0.1
2
|IIL|
Low-level digital input current
VIL = GND or 0.8V
0.1
2
Electrical Characteristics (Continued)
Notes:
1. All typical values are at 25
°C and with a 3.3V supply.
2. The value is tested in full temperature range at 3.0V.
3. The value is tested in full temperature range at 3.6V.
06-0340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com