Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1333LB Datasheet(PDF) 7 Page - ATMEL Corporation

Part # PC7447AMGH1333LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1333LB Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button PC7447AMGH1333LB Datasheet HTML 3Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 4Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 5Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 6Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 7Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 8Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 9Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 10Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
5387B–HIREL–07/05
PC7447A [Preliminary]
– Store merging for multiple store misses to the same line. Only coherency action
taken (address-only) for store misses merged to all 32 bytes of a cache block (no
data tenure needed)
– Three-entry finished store queue and five-entry completed store queue between the
LSU and the L1 data cache
– Separate additional queues for efficient buffering of outbound data (such as castouts
and write-through stores) from the L1 data cache and L2 cache
• Multiprocessing support features include the following:
– Hardware-enforced, MESI cache coherency protocols for data cache
– Load/store with reservation instruction pair for atomic memory references,
semaphores, and other multiprocessor operations
• Power and thermal management
– A new dynamic frequency switching (DFS) feature allows the processor core
frequency to be halved through software to reduce power consumption
– The following three power-saving modes are available to the system:
Nap: Instruction fetching is halted. Only the clocks for the time base, decrementer,
and JTAG logic remain running. The part goes into the doze state to snoop memory
operations on the bus and then back to nap using a QREQ/QACK processor-system
handshake protocol.
Sleep: Power consumption is further reduced by disabling bus snooping, leaving
only the PLL in a locked and running state. All internal functional units are disabled.
Deep sleep: When the part is in the deep Sleep state, the system can disable the
PLL. The system can then disable the SYSCLK source for greater system power
savings. Power-on reset procedures for restarting and relocking the PLL must be
followed upon exiting the deep sleep state.
– Instruction cache throttling provides control of instruction fetching to limit device
temperature
– A new temperature diode that can determine the temperature of the microprocessor
• Performance monitor can be used to help debug system designs and improve software
efficiency
• In-system testability and debugging features through JTAG boundary-scan capability
• Testability
– LSSD scan design
– IEEE 1149.1 JTAG interface
– Array built-in self test (ABIST), factory test only
• Reliability and serviceability
– Parity checking on system bus
– Parity checking on the L1 and L2 caches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com