Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1333LB Datasheet(PDF) 33 Page - ATMEL Corporation

Part # PC7447AMGH1333LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1333LB Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button PC7447AMGH1333LB Datasheet HTML 29Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 30Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 31Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 32Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 33Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 34Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 35Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 36Page - ATMEL Corporation PC7447AMGH1333LB Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
33
5387B–HIREL–07/05
PC7447A [Preliminary]
11. Mechanical Dimensions for the PC7447A, 360 HITCE
Figure 11-1 provides the mechanical dimensions and bottom surface nomenclature for the PC7447A, 360 HITCE package.
Figure 11-1. Mechanical Dimensions and Bottom Surface Nomenclature for the PC7447A, 360 CBGA Package
Notes:
1. Dimensioning and tolerance per ASME Y14.5M, 1994
2. Dimensions in millimeters
3. Top side A1 corner index is a metallized feature with various shapes. Bottom side A1 corner is designated with a ball missing
from the array
C
A
360X
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
B
0.3
A
0.15
b
U
W
V
123456 78 9 10111213141516 1718 19
0.2
2X
C
A1 CORNER
B
0.2
2X
D
E
E3
E2
E1
E4
D2
D4
D3
D1
Capacitor Region
A
0.15 A
0.35 A
A
A1
A2
A3
Millimeters
DIM
MIN
MAX
A
2.72
3.20
A1
0.80
1
A2
1.10
1.30
A3
–
0.6
b
0.82
0.93
D
25 BSC
D1
–
11.3
D2
8
–
D3
–
6.5
D4
9.2
9.4
e
1.27 BSC
E
25 BSC
E1
–
11.3
E2
8
–
E3
–
6.5
E4
7.2
7.4
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com