Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIL04P5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STIL04P5
Description  AC INRUSH CURRENT LIMITER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL04P5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STIL04P5 Datasheet HTML 3Page - STMicroelectronics STIL04P5 Datasheet HTML 4Page - STMicroelectronics STIL04P5 Datasheet HTML 5Page - STMicroelectronics STIL04P5 Datasheet HTML 6Page - STMicroelectronics STIL04P5 Datasheet HTML 7Page - STMicroelectronics STIL04P5 Datasheet HTML 8Page - STMicroelectronics STIL04P5 Datasheet HTML 9Page - STMicroelectronics STIL04P5 Datasheet HTML 10Page - STMicroelectronics STIL04P5 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STIL
7/11
Figure
13:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration
Figure 14: Reverse current versus junction
temperature without driver current (typical
values)
Figure 15: Reverse current versus junction
temperature
with
driver
current
(typical
values) (STIL04)
Figure 16: Reverse current versus junction
temperature
with
driver
current
(typical
values) (STIL06)
Figure 17: Reverse current versus junction
temperature
with
driver
current
(typical
values) (STIL08)
Figure 18: Forward voltage drop for one
power switch versus junction temperature
(typical values)
K = [Z
/R
]
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
STIL06/STIL08
STIL04
t (s)
p
I
OFF(µA)
R(OUT)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
25
50
75
100
125
150
Pt1 & Pt2 open
STIL06/STIL08
V
R(OUT)=800V
STIL04
V
R(OUT)=400V
T (°C)
j
I
ON(µA)
R(OUT)
1.0
10.0
100.0
0
25
50
75
100
125
150
STIL04
I
Pt1=Ipt2=10mA
V
R(OUT)=400V
T (°C)
j
I
ON(µA)
R(OUT)
120
130
140
150
160
170
180
190
200
0
25
50
75
100
125
150
STIL06
I
Pt1=Ipt2=10mA
V
R(OUT)=400V
T (°C)
j
I
ON(µA)
R(OUT)
140
160
180
200
220
0
25
50
75
100
125
150
STIL08
I
Pt1=Ipt2=10mA
V
R(OUT)=400V
T (°C)
j
V (V)
F
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
0
25
50
75
100
125
150
STIL08
I
out=8A
STIL06
I
out=6A
STIL04
I
out=4A
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com