Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIL04P5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STIL04P5
Description  AC INRUSH CURRENT LIMITER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL04P5 Datasheet(HTML) 1 Page - STMicroelectronics

  STIL04P5 Datasheet HTML 1Page - STMicroelectronics STIL04P5 Datasheet HTML 2Page - STMicroelectronics STIL04P5 Datasheet HTML 3Page - STMicroelectronics STIL04P5 Datasheet HTML 4Page - STMicroelectronics STIL04P5 Datasheet HTML 5Page - STMicroelectronics STIL04P5 Datasheet HTML 6Page - STMicroelectronics STIL04P5 Datasheet HTML 7Page - STMicroelectronics STIL04P5 Datasheet HTML 8Page - STMicroelectronics STIL04P5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
®
1/11
STIL
AC INRUSH CURRENT LIMITER
1
2
3
4
5
PENTAWATT HV2
STIL04-P5
1
TAB
2 3
4
5
PENTAWATT
STIL06-T5
1
TAB
2 3
4
5
PENTAWATT
STIL08-T5
PENTAWATT
STIL04-T5
1
TAB
2 3
4
5
December 2005
APPLICATIONS
High power density switching power supply
Server and Telecom power supplies
Game station power supplies
High end TV displays
Portable equipment adaptators
FEATURES
Replaces two diodes of the bridge in steady
state
Dual unidirectional switches in a single
package
Inrush current limitation circuit for off-line
power supply
Designed for instantaneous response after AC
line drop out or browning
Surge current capability as per IEC61000-4-5
BENEFITS
Low consumption (IPt= 20mA)
High noise immunity:
dV/dt> 1000V/µs @ Tj=125°C
Low reverse current losses
Integrated pilot driver of the power switches
Suitable where efficiency and space are critical
Table 1: Order Codes
Part Number
Marking
STIL04-P5
STIL04P5
STIL04-T5
STIL04T5
STIL06-T5
STIL06T5
STIL08-T5
STIL08T5
ASD: Application Specific Devices.
ASD
Table 2: Pin Out Description
Pin out
designation
Description
Position
L
AC Line (switch1)
1
Pt1
Drive of power switch 1
2
OUT
Output
3
Pt2
Drive of power switch 2
4
N
AC Neutral (switch 2)
5
Figure 1: Block diagram
Figure 2: Basic connection
Pt1
Pt2
OUT
N
L
OUT
Pt2
Main
Converter
VOUT
Auxil.
Supply
AC in
Inrush resistor
+
N
L
-
+
Pt1
REV. 5


Similar Part No. - STIL04P5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
AC inrush current limiter
Oct-2002
More results

Similar Description - STIL04P5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
AC inrush current limiter
Oct-2002
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
AC inrush current limiter
Oct-2002
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
Inrush Current Limiter HIC
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
AMETHERM Circuit Protec...
SG32 AMETHERM-SG32 Datasheet
361Kb / 1P
SURGE-GARD INRUSH CURRENT LIMITER
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
NTC Inrush Current Limiter
logo
Mean Well Enterprises C...
ICL-16R MEANWELL-ICL-16R Datasheet
221Kb / 4P
16A AC Inrush Current Limiter
ICL-28R MEANWELL-ICL-28R Datasheet
199Kb / 5P
28A AC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com