Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1660 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1660
Description  16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1660 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1660 Datasheet HTML 8Page - Monolithic Power Systems MP1660 Datasheet HTML 9Page - Monolithic Power Systems MP1660 Datasheet HTML 10Page - Monolithic Power Systems MP1660 Datasheet HTML 11Page - Monolithic Power Systems MP1660 Datasheet HTML 12Page - Monolithic Power Systems MP1660 Datasheet HTML 13Page - Monolithic Power Systems MP1660 Datasheet HTML 14Page - Monolithic Power Systems MP1660 Datasheet HTML 15Page - Monolithic Power Systems MP1660 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP1660
– SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP86953 Rev. 1.0
www.MonolithicPower.com
12
6/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage. First, carefully choose a value
for R2. A small R2 leads to considerable
quiescent current loss, while a large R2 makes
FB noise-sensitive. R2 should be between 5
kΩ
and
100kΩ. Typically, it is recommended to set
the R2 current to be between 5
μA and 30μA for
a good balance between system stability and
no-load
loss.
R1
can
be
calculated
with
Equation (2):
OUT
REF
REF
VV
R1
R2
V

(2)
Figure 4 shows the feedback circuit.
MP1660
FB
R1
R2
VOUT
RT
Figure 4: Feedback Network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Parameters Selection for Common
Output Voltages (9)
VOUT (V)
R1
(kΩ)
R2
(kΩ)
RT (
kΩ)
L
(μH)
5
40.2
5.49
18
4.7
3.3
40.2
8.87
18
4.7
2.5
40.2
12.7
30
3.3
1.8
40.2
20
39
2.2
1.5
40.2
26.7
28
2.2
1.2
40.2
40.2
62
1.5
1
40.2
60.4
82
1.5
Note:
9)
For a detailed design circuit, see the Typical Application
Circuits section on page 15.
Selecting the Inductor
Optimized Performance with
MPS Inductor
An inductor is necessary to supply constant
current to the output load while being driven by
the switched input voltage. A larger-value
inductor results in less ripple current and lower
output ripple voltage, but also has a larger
physical footprint, higher series resistance, and
lower
saturation
current.
A
good
rule
to
determine the inductance value is to design the
peak-to-peak ripple current in the inductor to be
between 30% and 40% of the maximum output
current. The peak inductor current should be
below the maximum switch current limit. The
inductance
value
can
be
calculated
with
Equation (3):
OUT
OUT
SW
L
IN
VV
L
(1
)
f
I
V
 

(3)
Where
∆IL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current. The peak
inductor
current
can
be
calculated
with
Equation (4):
OUT
OUT
LP
OUT
SW
IN
VV
I
I
(1
)
2f
L
V
 
(4)
MPS inductors are optimized and tested for use
with our complete line of integrated circuits.
Table
2
lists
our
power
inductor
recommendations. Select a part number based
on your design requirements.
Table 2: Power Inductor Selection
Part Number
Inductor
Value
Manufacturer
MPL-AL6050-4R7
4.7
μH
MPS
MPL-AL6050-3R3
3.3
μH
MPS
MPL-AL6050-2R2
2.2
μH
MPS
MPL-AL6050-1R5
1.5
μH
MPS
Visit MonolithicPower.com under Products >
Inductors for more information.
Selecting the Input Capacitor
The step-down converter has discontinuous
input current, and requires a capacitor to supply
AC current to the step-down converter while
maintaining the DC input voltage. Ceramic
capacitors are recommended for the best
performance, and should be placed as close to
VIN as possible. Capacitors with X5R and X7R
ceramic dielectrics are recommended because
they
are
fairly
stable
amid
temperature
fluctuations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com