Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1660 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1660
Description  16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1660 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1660 Datasheet HTML 9Page - Monolithic Power Systems MP1660 Datasheet HTML 10Page - Monolithic Power Systems MP1660 Datasheet HTML 11Page - Monolithic Power Systems MP1660 Datasheet HTML 12Page - Monolithic Power Systems MP1660 Datasheet HTML 13Page - Monolithic Power Systems MP1660 Datasheet HTML 14Page - Monolithic Power Systems MP1660 Datasheet HTML 15Page - Monolithic Power Systems MP1660 Datasheet HTML 16Page - Monolithic Power Systems MP1660 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP1660
– SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1660 Rev. 1.0
www.MonolithicPower.com
13
6/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated with Equation (5):
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(5)
The worst-case condition occurs at VIN = 2VOUT,
calculated with Equation (6):
OUT
CIN
I
I
2
(6)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitance value determines the
input voltage ripple of the converter. If there is
an input voltage ripple requirement in the
system, choose an input capacitor that meets
the specifications.
The input voltage ripple can be estimated with
Equation (7):
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
f
C
V
V
 
(7)
The worst-case condition occurs at VIN = 2VOUT,
estimated with Equation (8):
OUT
IN
SW
IN
I
1
V
4
f
C
 
(8)
Selecting the Output Capacitor
An output capacitor is required to maintain the
DC
output
voltage.
Ceramic
or
POSCAP
capacitors
are
recommended.
The
output
voltage ripple can be estimated with Equation
(9):
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
f
L
V
8 f
C
 
(9)
With ceramic capacitors, the impedance at the
switching frequency the output voltage ripple.
For simplification, the output voltage ripple can
be estimated with Equation (10):
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 f
L C
V
 
 
(10)
With POSCAP capacitors, the ESR dominates
the impedance at the switching frequency. For
simplification,
the
output
ripple
can
be
calculated with Equation (11):
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
f
L
V
 
(11)
A larger output capacitor can achieve a better
load transient response, but
consider the
maximum output capacitor limitation in the
design application. If the output capacitor value
is too high, the output voltage cannot reach the
design value during the soft-start time, and the
device fails to regulate.
The maximum output capacitor value (CO_MAX)
can be estimated with Equation (12):
O _ MAX
LIM _ AVG
OUT
ss
OUT
C
(I
I
) t / V
(12)
Where ILIM_AVG is the average start-up current
during the soft-start period, and tSS is the soft-
start time.
Design Example
Table
3
lists
recommended
values
when
ceramic capacitors are applied.
Table 3: Design Example
VIN
12V
VOUT
3.3V
IOUT
3A
Figure 7 on page 15 shows the detailed
application circuit. For typical performance
values
and
waveforms,
see
the
Typical
Performance Characteristics section on page 5.
For more device applications, refer to the
related evaluation board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com