Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1925 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1925
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1925 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1925 Datasheet HTML 1Page - Monolithic Power Systems MP1925 Datasheet HTML 2Page - Monolithic Power Systems MP1925 Datasheet HTML 3Page - Monolithic Power Systems MP1925 Datasheet HTML 4Page - Monolithic Power Systems MP1925 Datasheet HTML 5Page - Monolithic Power Systems MP1925 Datasheet HTML 6Page - Monolithic Power Systems MP1925 Datasheet HTML 7Page - Monolithic Power Systems MP1925 Datasheet HTML 8Page - Monolithic Power Systems MP1925 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP1925 – 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MP1925 Rev. 1.01
MonolithicPower.com
4
7/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD = VBST - VSW = 12V, VSS = VSW = 0V, no load at DRVH and DRVL, TJ = -40°C to +125°C, typical
value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Currents
VDD quiescent current
IDDQ
INL = INH = 0
110
150
µA
VDD operating current
IDDO
fSW = 500kHz
9
mA
Floating driver quiescent current
IBSTQ
INL = INH = 0
60
90
µA
Floating driver operating current
IBSTO
fSW = 500kHz
8
mA
Leakage current
ILK
BST = SW = 100V
0.05
1
µA
Inputs
INL/INH high
2
2.4
V
INL/INH low
1
1.4
V
INL/INH internal pull-down
resistance
RIN
185
kΩ
Under-Voltage Protection
VDD rising threshold
VDDR
6
6.8
7.2
V
VDD hysteresis
VDDH
0.4
V
BST-SW rising threshold
VBSTR
5.8
6.5
6.9
V
BST-SW hysteresis
VBSTH
0.4
V
Bootstrap Diode
Bootstrap diode VF at 100μA
VF1
0.5
V
Bootstrap diode VF at 100mA
VF2
0.95
V
Bootstrap diode dynamic R
RD
At 100mA
2.5
Low-Side Gate Driver
Low-level output voltage
VOLL
IO = 100mA
0.1
V
High-level output voltage to rail
VOHL
IO = -100mA
0.19
V
Source current (6)
IOHL
VDRVL = 0V, VDD = 12V
3
A
VDRVL = 0V, VDD = 16V
4.7
A
Sink current (6)
IOLL
VDRVL = VDD = 12V
4.5
A
VDRVL = VDD = 16V
6
A
Floating Gate Driver
Low-level output voltage
VOLH
IO = 100mA
0.1
V
High-level output voltage to rail
VOHH
IO = -100mA
0.19
V
Source current (6)
IOHH
VDRVH = 0V, VDD = 12V
2.6
A
VDRVH = 0V, VDD = 16V
4
A
Sink current (6)
IOLH
VDRVH = VDD = 12V
4.5
A
VDRVH = VDD = 16V
5.9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com