Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1925 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1925
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1925 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1925 Datasheet HTML 6Page - Monolithic Power Systems MP1925 Datasheet HTML 7Page - Monolithic Power Systems MP1925 Datasheet HTML 8Page - Monolithic Power Systems MP1925 Datasheet HTML 9Page - Monolithic Power Systems MP1925 Datasheet HTML 10Page - Monolithic Power Systems MP1925 Datasheet HTML 11Page - Monolithic Power Systems MP1925 Datasheet HTML 12Page - Monolithic Power Systems MP1925 Datasheet HTML 13Page - Monolithic Power Systems MP1925 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP1925 – 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MP1925 Rev. 1.01
MonolithicPower.com
10
7/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
The input signals of INH and INL can be
controlled independently. If both INH and INL
control the high-side and low-side MOSFETs of
the same bridge, set a sufficient dead time
between INH and INL low (and vice versa) to
avoid shoot-through (see Figure 3). Dead time is
defined as the time interval between INH low and
INL low.
Figure 3: Shoot-Through Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com