Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5981 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP5981
Description  16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5981 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP5981 Datasheet HTML 17Page - Monolithic Power Systems MP5981 Datasheet HTML 18Page - Monolithic Power Systems MP5981 Datasheet HTML 19Page - Monolithic Power Systems MP5981 Datasheet HTML 20Page - Monolithic Power Systems MP5981 Datasheet HTML 21Page - Monolithic Power Systems MP5981 Datasheet HTML 22Page - Monolithic Power Systems MP5981 Datasheet HTML 23Page - Monolithic Power Systems MP5981 Datasheet HTML 24Page - Monolithic Power Systems MP5981 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MP5981
– 16V, 50A, 1.1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5981 Rev. 1.3
MonolithicPower.com
21
5/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
VTEMP OUT
GND
VIN
MP5981
VOUT
VIN
VTEMP OUT
GND
VIN
MP5981
VTEMP
Temperature
ADC
Controller
Figure 11: Multi-Fuse Temperature Sense
Utilization in Paralleling
Thermal Protection
The Intelli-Fuse temperature is sensed by
internally monitoring the junction temperature of
the IC. The temperature information can be
read from VTEMP.
The Intelli-Fuse has thermal protection. When
the junction temperature exceeds the threshold
(143°C), the power FET is turned off, and GOK
is pulled low.
VDD3 Sub-Regulator
The MP5981 has an internal 3.0V linear sub-
regulator that steps down the input voltage to
generate a 3.0V power supply. VDD3 can be
driven with an external 3.3V to reduce sub-
regulator loss from VIN.
Under-Voltage Lockout (UVLO) Protection
The MP5981 has two under-voltage lockout
(UVLO) protections: a 2.41V VDD3 UVLO and
a 2.91V VIN UVLO. The MP5981 can start up
only when both VDD3 and VIN exceed their
respective UVLO thresholds. The MP5981
shuts down when either the VDD3 voltage is
below the UVLO falling threshold (typically
2.04V) or VIN is below the VIN falling threshold
(2.58V). These UVLO protections are not latch-
off protections.
Mode Pin (8)
The MP5981 has the ability to operate in latch
or hiccup mode. Connecting pin 8 to ground
puts the MP5981 into hiccup mode operation.
By default, the MODE pin is pulled high by
internal weak pull up and operates in latch
mode. When operating in hiccup mode, the
MP5981 auto-restarts after any fault condition
occurs with a fixed 560ms retry time (see
Figure 12).
560ms
GOK
FET On
FET Off
VOUT
t
Figure 12: Auto-Retry Operation
To ensure all the devices are in parallel, enable
the devices at the same time. ON/PD and GOK
must be connected (see Figure 13).
GOK
OUT
GND
ON/PD
MP5981
VOUT
GOK
OUT
GND
ON/PD
MP5981
VDD3
Figure 13: GOK and ON/PD Connection Parallel
Devices
During retry, the GOK pin is kept low until the
560ms retry time has expired, at which time
GOK is released and the connected ON/PD pin
rises again, which enables all devices in parallel
at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com