Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6606GF-Z Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6606GF-Z
Description  60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6606GF-Z Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6606GF-Z Datasheet HTML 3Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 4Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 5Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 6Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 7Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 8Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 9Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 10Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP6606
– 60V, 8-CHANNEL LOW-SIDE DRIVER WITH SERIAL INTERFACE
MP6606 Rev. 1.0
MonolithicPower.com
7
3/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, VCLAMP = 24V, TVS to VIN, IOUT = 700mA, TA = 25°C, resistor and inductor load: R = 33Ω,
L = 1.5mH/channel, unless otherwise noted.
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
0
20
40
60
SUPPLY VOLTAGE (V)
Quiescent Current vs. Supply
Voltage
Ta=-40
℃
Ta=25
℃
Ta=85
℃
Ta=125
℃
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
0
50
100
TEMPERATURE (°C)
Quiescent Current vs.
Temperature
VIN=4.5V
VIN=24V
VIN=60V
0
200
400
600
800
1000
1200
-50
0
50
100
TEMPERATURE (°C)
R
DS(ON) vs. Temperature
VIN=24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com