Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6606GF-Z Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6606GF-Z
Description  60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6606GF-Z Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6606GF-Z Datasheet HTML 1Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 2Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 3Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 4Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 5Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 6Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 7Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 8Page - Monolithic Power Systems MP6606GF-Z Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP6606
60V, 8-Channel Low-Side Driver with
Serial Interface and Fault Indication
MP6606 Rev. 1.0
MonolithicPower.com
1
3/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
DESCRIPTION
The MP6606 is an 8-channel low-side driver IC
with a serial interface. The device integrates
low-side MOSFET (LS-FET) switches and high-
side clamp diodes to drive inductive loads,
which makes it well-suited for unipolar stepper
motor and solenoid drives.
The MP6606 operates from a supply voltage of
up to 60V, and can deliver an output current
(IOUT) up to 750mA (depending on PCB design
and thermal conditions). The maximum voltage
on the motor drive output pins is 60V.
Internal safety features include over-current
protection
(OCP),
under-voltage
lockout
(UVLO), and thermal shutdown.
The MP6606 is available in a TSSOP-20EP
package with an exposed pad.
FEATURES
• Wide 4.5V to 60V Input Voltage (V
IN) Range
• 60V Maximum Winding Clamp Voltage
• 8 Low-Side MOSFETs (LS-FETs) and
Clamp Diodes
• 700mΩ MOSFET On Resistance
• 750mA Maximum Output Current (I
OUT)
when One LS-FET is On, or 500mA
Maximum IOUT when Eight LS-FETs are On
• Over-Current Protection (OCP)
• Thermal Shutdown and Under-Voltage
Lockout (UVLO) Protection
• Fault Indication Output
• No Control Power Supply Required
• Simple Logic Interface with Schmitt Triggers
• 3.3V and 5V Compatible Logic Supply
• Available in a Thermally Enhanced TSSOP-
20EP Package
APPLICATIONS
• Unipolar Stepper Motors
• Solenoid Drivers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
VIN
OUT1
OUT2
SDI
SCLK
ENBL
nFAULT
µC
VIN
MP6606
GND
VIN
VCLAMP
SDO
VIN
RESET
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
LATCH
nSCS


Similar Part No. - MP6606GF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6600 MPS-MP6600 Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
MP6600GR MPS-MP6600GR Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
MP6601 MPS-MP6601 Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
MP6601GF MPS-MP6601GF Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
MP6601GU MPS-MP6601GU Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
More results

Similar Description - MP6606GF-Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
Intersil Corporation
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
October 1995
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
Low side driver (8 channel, serial interface)
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
Low side driver (8 channel, parallel interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
8-Channel Serial Interface Low-Side Driver
logo
Infineon Technologies A...
TLE8108EM INFINEON-TLE8108EM Datasheet
1Mb / 30P
Smart 8-Channel Low Side Relay Driver with SPI Interface
Rev. 1.0, 2011-03-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com