Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0063 Datasheet (PDF) - Intersil Corporation

HIP0063 Datasheet PDF - Intersil Corporation
Part # HIP0063
Download  HIP0063 Download
File Size   61.01 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control

HIP0063 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP0063 Datasheet PDF - Intersil Corporation

Part # HIP0063
Download  HIP0063 Click to download

File Size   61.01 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control

HIP0063 Datasheet (HTML) - Intersil Corporation


HIP0063 Product details

Description
The HIP0063 is a logic controlled, six channel Low Side Power Driver. As shown in the Block Diagram, the outputs are controlled via the serial data interface or, by user option, each output may be independently controlled from the respective parallel input. In addition, PWM logic switching control (HLOS) may be directly applied to channels 0 and 1 in parallel, or channels 4 and 5 in parallel.

Features
• Six Channel MOSFET Driver with Gate Drive Control by Serial (SPI) or Parallel Interface and an Option for PWM Logic Switching Control
• Drain Monitor Provides Fault Detection and Voltage Clamp for Each Channel
• Output Voltage Zener Clamp. . . . . . . . . . 67V Typ
• 5V CMOS Logic Level Input Control
• VCC Logic Level Power Supply
    - 5V VCC Logic Power Supply
    - Turns Off Gate Drive for Low or Loss of VCC
• VPWR System Level Power Supply Management
    - 5.5V to 17V Battery/System Level Power Supply Monitor
    - Over-Voltage Shutdown. . . . . . . . . . . . 35V Typ
• Output Supply/Load Short and Open Load/Ground Short Fault Detection
• Automatic Change to Low Duty Cycle Drive Mode When Output Short-to-Supply Detected
• Fault Diagnostic Feedback via the SPI Bus
• Operating Temp Range . . . . . . . -40°C to +125°C

Applications
• Automotive and Industrial Systems
• Control of Solenoids, Relays and Lamp Drivers
• Interface to Logic and µP Controllers
• Robotic System Controller




Similar Part No. - HIP0063

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
logo
Renesas Technology Corp
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
logo
Intersil Corporation
HIP0060AB INTERSIL-HIP0060AB Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
logo
Renesas Technology Corp
HIP0060AB RENESAS-HIP0060AB Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
logo
Intersil Corporation
HIP0061 INTERSIL-HIP0061 Datasheet
60Kb / 9P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
More results


Similar Description - HIP0063

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9825 STMICROELECTRONICS-L9825 Datasheet
225Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Jul-2001
L9826 STMICROELECTRONICS-L9826 Datasheet
174Kb / 12P
Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
Oct-2002
logo
Intersil Corporation
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
logo
STMicroelectronics
L9825 STMICROELECTRONICS-L9825_03 Datasheet
225Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Apr-2003
L9826 STMICROELECTRONICS-L9826_05 Datasheet
246Kb / 17P
Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
Jul-2005
L9825TR STMICROELECTRONICS-L9825TR Datasheet
228Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Apr-2003
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com