Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0045 Datasheet (PDF) - Renesas Technology Corp

HIP0045 Datasheet PDF - Renesas Technology Corp
Part # HIP0045
Download  HIP0045 Download
File Size   595.72 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection

HIP0045 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP0045 Datasheet PDF - Renesas Technology Corp

Part # HIP0045
Download  HIP0045 Click to download

File Size   595.72 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection

HIP0045 Datasheet (HTML) - Renesas Technology Corp


HIP0045 Product details

Features
• Octal NDMOS Output Drivers in a High Voltage Power
BiMOS Process
• Over-Stress Protection - Each Output:
- Over-Current Protection . . . . . . . . . . . . . . . . . . . 1A Min
- Over-Voltage Clamp Protection . . . . . . . . . . . . 50V Typ
- Thermal Shutdown Protection (2 Channels)
• Open-Load Detection
• Power BiMOS Output Configuration
- Current Latch-Off Protection for 6 Channels; 2 with
External Drive Input and ORed with SPI Bus Control
- 2 Channels Configured for Lamp Drivers with Current
Limiting and Over-Temperature Latch-Off
• High Speed CMOS Logic Control
- SPI Bus Controlled Interface
- Individual Output Latch
- Individual Fault Unlatch and Feedback
- Common Reset Line
• Low Quiescent Current . . . . . . . . . . . . . . . . . . . 5mA Max
• Ambient Operating Temp. Range. . . . . . . -40oC to 125oC
Applications
• Automotive and Industrial Systems
• Solenoids, Relays and Lamp Drivers
• Logic and P Controlled Drivers
• Robotic Controls




Similar Part No. - HIP0045

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0045AB INTERSIL-HIP0045AB Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
More results


Similar Description - HIP0045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9823 STMICROELECTRONICS-L9823 Datasheet
168Kb / 12P
Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
Apr-2003
logo
Intersil Corporation
CA3282 INTERSIL-CA3282 Datasheet
65Kb / 10P
Octal Low Side Power Driver with Serial Bus Control
June 1998
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0050 INTERSIL-HIP0050 Datasheet
45Kb / 7P
0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
1996 12
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
1996 06
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
October 1995
logo
Renesas Technology Corp
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com