Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0050 Datasheet (PDF) - Intersil Corporation

HIP0050 Datasheet PDF - Intersil Corporation
Part # HIP0050
Download  HIP0050 Download
File Size   45.98 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag

HIP0050 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP0050 Datasheet PDF - Intersil Corporation

Part # HIP0050
Download  HIP0050 Click to download

File Size   45.98 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag

HIP0050 Datasheet (HTML) - Intersil Corporation


HIP0050 Product details

Description
The HIP0050 is a logic controlled, eight channel Octal Low Side Power Driver. As shown in the block diagram, the outputs are controlled via the serial data interface which allows the data to be shifted out, allowing control of other cascaded serial devices. If an Over-Current (OC) short circuit exists in one output, it may be independently shutdown while the other outputs remain in operation.

Features
• Octal NDMOS Output Drivers in a High Voltage Power BiMOS Process
    - Each Capable of Sinking 300mA
    - Low Idle and Standby Current
• Over-Stress Protection - Each Output:
    - Over-Current Latch Off . . . . . . . . . 300mA Min
    - Over-Voltage Clamp . . . . . . . . . . . . . . . 50V Typ
• Thermal Shutdown with Hysteresis
• Serial Data Input, Parallel Output Power Drive
• Short Circuit Latch Off for Each Output
• Common Enable for Output Drivers and Data Storage Register
• Ambient Operating Temperature Range. . . . . . . . . . . . .-40°C to 85°C
    - Optional 125°C Maximum Ambient Operating Temperature Range (Dissipation Limited)

Applications
• Automotive and Industrial Systems
• Solenoids, Relays and Lamp Drivers
• Logic and µP Controlled Drivers
• Robotic Controls




Similar Part No. - HIP0050

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
HIP0050IB RENESAS-HIP0050IB Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
More results


Similar Description - HIP0050

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3282 INTERSIL-CA3282 Datasheet
65Kb / 10P
Octal Low Side Power Driver with Serial Bus Control
June 1998
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
1996 06
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
October 1995
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com