Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3282 Datasheet (PDF) - Intersil Corporation

CA3282 Datasheet PDF - Intersil Corporation
Part # CA3282
Download  CA3282 Download
File Size   65.57 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Octal Low Side Power Driver with Serial Bus Control

CA3282 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3282 Datasheet PDF - Intersil Corporation

Part # CA3282
Download  CA3282 Click to download

File Size   65.57 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Octal Low Side Power Driver with Serial Bus Control

CA3282 Datasheet (HTML) - Intersil Corporation


CA3282 Product details

Description
The CA3282 is a logic controlled, eight channel octal power driven. The serial peripheral interface (SPI) utilized by the CA3282 is a serial synchronous bus compatible with Intersil CDP68HC05, or equivalent, microcomputers. As shown in the Block Diagram for the CA3282 each of the open drain NDMOS output drivers has individual protection for over-voltage and over-current. Each output channel has separate output latch control with fault unlatch and diagnostic feedback. Under normal ON conditions, each output driver is in a low, saturation state. Comparators in the diagnostic circuitry monitor the output drivers to determine if an out of saturation condition exists. If a comparator senses a fault, the respective output driver is unlatched. In addition, over current protection is provided with current limiting in each output, independent of the diagnostic feedback loop.

Features
• Output Current Drive Capability
    - All Outputs ON, Equal . . . . . . . . . . . . . . 0.625A Each
    - Per Output Individually . . . . . . . . . . . . . . . . . 1A Each
    - Maximum Total of Outputs ON . . . . . . . . . . . . . . . .5A
• High Voltage Power BiMOS Outputs
    - 8 Open Drain NDMOS Drivers
    - Individual Output Latch
    - Over-Current Limit Protection . . . . . . . . . . . . . 1.05A
    - Over-Voltage Clamp Protection. . . . . . . . . . . . . . . 30V
• High Speed CMOS Logic Control
    - Low Quiescent IDD Current . . . . . . . . . . . . . . . . . 5mA
    - SPI Bus Controlled Interface
    - Individual Fault Unlatch and Feedback
    - Common Reset Line
• Operating Temperature Range . . . . . . . -40°C to 125°C

Applications
• Automotive and Industrial Systems
• Solenoids, Relays and Lamp Drivers
• Logic and µP Controlled Drivers
• Robotic Controls




Similar Part No. - CA3282

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3280 INTERSIL-CA3280 Datasheet
393Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
May 2002
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280A INTERSIL-CA3280A Datasheet
286Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3280A INTERSIL-CA3280A Datasheet
393Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
May 2002
More results


Similar Description - CA3282

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
Octal Low Side Driver OLSD
1998 Feb 09
logo
Intersil Corporation
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0050 INTERSIL-HIP0050 Datasheet
45Kb / 7P
0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
1996 12
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
1996 06
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240_16 Datasheet
233Kb / 27P
Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com