Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ5069 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ5069
Description  7mΩ Protection Switch with Current Monitor for Automotive Battery Systems AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5069 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ5069 Datasheet HTML 8Page - Monolithic Power Systems MPQ5069 Datasheet HTML 9Page - Monolithic Power Systems MPQ5069 Datasheet HTML 10Page - Monolithic Power Systems MPQ5069 Datasheet HTML 11Page - Monolithic Power Systems MPQ5069 Datasheet HTML 12Page - Monolithic Power Systems MPQ5069 Datasheet HTML 13Page - Monolithic Power Systems MPQ5069 Datasheet HTML 14Page - Monolithic Power Systems MPQ5069 Datasheet HTML 15Page - Monolithic Power Systems MPQ5069 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MPQ5069
– 7mΩ PROTECTION SWITCH WITH CURRENT MONITOR
MPQ5069 Rev. 1.1
www.MonolithicPower.com
12
11/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MPQ5069 protects circuitry on its output
from transients on its input. It also protects its
input
from
undesired shorts and transients
coming from its output. It provides an integrated
solution to monitor the input voltage, output
voltage, output current, and die temperature to
eliminate the need for an external current-sense
resistor, power MOSFET, and thermal sense
device.
Current Limit
The MPQ5069 provides a constant current limit
that can be programmed by an external resistor.
Once
the
device
reaches
its
current
limit
threshold, the internal circuit regulates the gate
voltage to hold the current in the MOSFET
constant. In order to limit the current, the gate-to-
source voltage needs to drop from 5V to about
1V. The typical response time is about 20µs, and
the output current may have a small overshoot
during this time period.
When the current limit triggers, the fault timer
starts. If the output current falls below the
current-limit threshold before the end of the fault
timeout period, the MPQ5069 resumes normal
operation. If the current limit duration remains
beyond the fault timeout period, the MOSFET
turns off. The subsequent behavior relates to the
AUTO pin configuration. If the temperature
reaches the thermal protection threshold during
the fault timeout period, the MOSFET turns off.
When the AUTO pin is floating, the part functions
in auto-retry mode for over-current protection.
The part enters latch-off mode when the AUTO
pin pulls to ground (once it detects an over-
current condition) and the duration exceeds the
preset value.
When the device reaches either its current limit
or its over-temperature threshold, the FLTB pin is
driven low with a 20
μs propagation delay to
indicate a fault. The desired current limit during
normal operation is a function of the external
current-limit resistor.
Short-Circuit Protection
If the load current increases rapidly due to a
short circuit, the current may significantly exceed
the current-limit threshold before the control loop
can respond. If the current reaches the 25A
secondary current limit level, a fast turn-off circuit
activates to turn off the MOSFET using a 100mA
pull-down gate discharge current (see Figure 2).
This limits the peak current through the switch to
limit the input voltage drop. The total short circuit
response time is about
200ns.
The FLTB
switches low once it reaches a 25A current limit,
and asserts low until the circuit resumes normal
operation.
Fault Timer and Restart
When the current reaches its over-current limit
threshold, a 200µA fault timer current source
charges the external capacitor (CT) at the TIMER
pin. If the current-limit state ceases before the
TIMER pin reaches 1.23V, the MPQ5069 returns
to normal operation mode and a low-value
resistor discharges CT after the TIMER voltage
reaches 1.23V. If the current-limit state continues
after the TIMER pin voltage reaches 1.23V, the
MOSFET switches off. The subsequent restart
procedure then depends on the selected retry
configuration.
If the AUTO pin connects to ground or is pulled
low, the MPQ5069 latches off. Restart the input
power
or cycle the EN
signal to resume
functioning.
Floating the AUTO pin or pulling it above 2.5V
causes the device to operate in hiccup mode
(see Figure 3). At the end of the fault timeout
period, the MOSFET turns off and a low-current
(0.5µA) sink discharges the external capacitor
(CT).
When the TIMER voltage reaches the low
threshold (0.2V), the part restarts. If the fault
condition remains, the fault timeout period and
restart timer repeat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com