Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT18/TG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # FT18/TG
Description  Frame Transfer CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT18/TG Datasheet(HTML) 2 Page - NXP Semiconductors

  FT18/TG Datasheet HTML 1Page - NXP Semiconductors FT18/TG Datasheet HTML 2Page - NXP Semiconductors FT18/TG Datasheet HTML 3Page - NXP Semiconductors FT18/TG Datasheet HTML 4Page - NXP Semiconductors FT18/TG Datasheet HTML 5Page - NXP Semiconductors FT18/TG Datasheet HTML 6Page - NXP Semiconductors FT18/TG Datasheet HTML 7Page - NXP Semiconductors FT18/TG Datasheet HTML 8Page - NXP Semiconductors FT18/TG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
•
2/3-inch optical format
•
1M active pixels (1024H x 1024V)
•
Progressive scan
•
Excellent anti-blooming
•
Variable electronic shuttering
•
Square pixel structure
•
Hor. and Vert. binning
•
100% optical fill factor
•
High dynamic range (>60dB)
•
High sensitivity
•
Low dark current and fixed pattern noise
•
Low read-out noise
•
Data rate up to 40 MHz
•
Frame rate up to 30 Hz
•
Mirrored read-out option
Description
The FT 18 is a monochrome progressive-scan frame-transfer image
sensor offering 1K x 1K pixels at 30 frames per second through a
single output buffer. The combination of high speed and a high linear
dynamic range (>10 true bits at room temperature without cooling)
makes this device the perfect solution for high-end real time medical
X-ray, scientific and industrial applications. A second output can be
used for mirrored images. The device structure is shown in figure 1.
Device structure
Optical size:
7.68 mm (H) x 7.68 mm (V)
Chip size:
8.9 mm (H) x 17.0 mm (V)
Pixel size:
7.5 µm x 7.5 µm
Active pixels:
1024 (H) x 1024 (V)
Total no. of pixels:
1072 (H) x 1048 (V)
Optical black pixels:
Left: 20
Right: 20
Timing pixels:
Left: 4
Right: 4
Dummy register cells:
Left: 7
Right: 7
Contour lines:
Bottom: 1
Top: 4
Optical black lines:
Bottom: 11
Top: 8
Figure 1 - Device structure
2000 January
2
Philips Semiconductors
Product specification
Frame Transfer CCD Image Sensor
FT 18
Image
Section
1024 active pixels
1024
active
lines
20
pix
8 black line
s
2096
lines
4 contour lines
7
7
1072 cells
Output
amplifier
Output register
Storage
Section
4
20
pix
8 black lines
1 contour line
11 black lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com