Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT18/TG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FT18/TG
Description  Frame Transfer CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT18/TG Datasheet(HTML) 3 Page - NXP Semiconductors

  FT18/TG Datasheet HTML 1Page - NXP Semiconductors FT18/TG Datasheet HTML 2Page - NXP Semiconductors FT18/TG Datasheet HTML 3Page - NXP Semiconductors FT18/TG Datasheet HTML 4Page - NXP Semiconductors FT18/TG Datasheet HTML 5Page - NXP Semiconductors FT18/TG Datasheet HTML 6Page - NXP Semiconductors FT18/TG Datasheet HTML 7Page - NXP Semiconductors FT18/TG Datasheet HTML 8Page - NXP Semiconductors FT18/TG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2000 January
3
Philips Semiconductors
Product specification
Frame Transfer CCD Image Sensor
FT 18
Architecture of the FT 18
The FT18 consists of a shielded storage section and an open image
section. Both sections have the same structure with identical cells
and properties. The only difference between the two sections is the
optical light shield.
The optical centres of all pixels in the image section form a square
grid. The charge is generated and integrated in this section. The
image section is controlled by four image clocks (A1 to A4). After
integration, the image charge is completely shifted to the storage
section. The integration time is electronically controlled by charge
reset (CR).
The storage section is controlled by four storage clocks (B1 to B4).
An output register is located below the storage section for read-out.
The output register has buffers at both ends. This allows either normal
or mirrored read-out.
Transport of the pixels in the output register is controlled by three
register clock phases (C1 to C3).The register can be used for vertical
binning. Horizontal binning can be achieved by summing pixel
charges under the floating diffusion. More information can be found
in the application note. Figure 2 shows the detailed internal structure.
IMAGE SECTION
Image diagonal
Aspect ratio
Active image width x height
Total width x height
Pixel width x height
Geometric fill factor
Image clock pins
Capacity of each clock phase
Number of active lines
Number of contour lines
Number of black lines
Total number of lines
Number of active pixels per line
Number of overscan (timing) pixels per line
Number of black reference pixels per line
Total number of pixels per line
10.9 mm
1:1
7.680 x 7.680 mm
2
8.040 x 7.860 mm
2
7.5 x 7.5 µm
2
100%
A1, A2, A3, A4
<3.75nF per pin
1024
4 (top) + 1 (bottom)
8 (top) + 11 (bottom)
1048
1024
8 (2x4)
40 (2x20)
1072
STORAGE SECTION
Storage width x height
Cell width x height
Storage clock phases
Capacity of each B phase
Number of cells per line x number of lines
8.040 x 7.860 mm
2
7.5 x 7.5 µm
2
B1, B2, B3, B4
<4.1nF per pin
1072 x 1048
OUTPUT REGISTER
Output buffers (three-stage source follower)
Number of registers
Number of register cells below storage
Number of extra cells to output
Output register horizontal transport clock pins
Capacity of each C-clock phase
Overlap capacity between neighbouring C-clocks
Reset Gate clock phases
Capacity of each RG
2
1 (bidirectional below storage)
1072
2 x 7
3 (C1..C3)
<85pF per pin
<35pF
2 pins (RGL, RGR)
<15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com