Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6222CS Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPD6222CS
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6222CS Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPD6222CS Datasheet HTML 8Page - Renesas Technology Corp UPD6222CS Datasheet HTML 9Page - Renesas Technology Corp UPD6222CS Datasheet HTML 10Page - Renesas Technology Corp UPD6222CS Datasheet HTML 11Page - Renesas Technology Corp UPD6222CS Datasheet HTML 12Page - Renesas Technology Corp UPD6222CS Datasheet HTML 13Page - Renesas Technology Corp UPD6222CS Datasheet HTML 14Page - Renesas Technology Corp UPD6222CS Datasheet HTML 15Page - Renesas Technology Corp UPD6222CS Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
µPD6222
10
I2C-BUS FORMAT
STA
SLAVE ADDRESS DATA
W
ACK
SUB ADDRESS DATA
ACK
D/A DATA
ACK
STP
•
STA : START condition
•
W
: This bit is a data-transfer direction bit. A ‘Zero’ (LOW) is set at sending a data from master to slave.
•
ACK: This is an acknowledge bit. The receiver responses a ‘Zero’ (LOW) to the transmitter when the receiver
acknowledges data reception.
•
STP : STOP condition
•
SLAVE ADDRESS DATA
First
Last
MSB
LSB
1
0
0
1
A2
A1
A0
Chip Select Data
Chip Select Data
MSB
LSB
A2
A1
A0
CS2
CS1
CS0
00
0
0
00
00
1
0
01
01
0
0
10
..
.
...
..
.
...
..
.
...
11
1
1
11
This chip will be selected only when A0,
A1 and A2 are equal to CS0, CS1 and
CS2.
DIGITAL DATA FORMAT
•
SUB ADDRESS DATA
First
Last
MSB
LSB
×××
×
S3
S2
S1
S0
Don’t care
Channel Select Data
Channel Select Data
MSB
LSB
S3
S2
S1
S0
Channel Select
0
0
0
0
Don’t care
0
0
0
1
ch1
0
0
1
0
ch2
..
.
.
.
..
.
.
.
..
.
.
.
1
0
1
1
ch11
1
1
0
0
ch12
1
1
0
1
Don’t care
11
1
0
1
1
1
1
InhibitNote
Note Internally Test Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com