Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6222CS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD6222CS
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6222CS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD6222CS Datasheet HTML 13Page - Renesas Technology Corp UPD6222CS Datasheet HTML 14Page - Renesas Technology Corp UPD6222CS Datasheet HTML 15Page - Renesas Technology Corp UPD6222CS Datasheet HTML 16Page - Renesas Technology Corp UPD6222CS Datasheet HTML 17Page - Renesas Technology Corp UPD6222CS Datasheet HTML 18Page - Renesas Technology Corp UPD6222CS Datasheet HTML 19Page - Renesas Technology Corp UPD6222CS Datasheet HTML 20Page - Renesas Technology Corp UPD6222CS Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
15
µPD6222
24PIN PLASTIC SHRINK DIP (300 mil)
ITEM
MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.17 mm (0.007 inch) of
its true position (T.P.) at maximum material condition.
N
0.17
0.007
R
0~15
0~15
A
25.40 MAX.
1.000 MAX.
B
3.0 MAX.
0.119 MAX.
F
0.85 MIN.
0.033 MIN.
G
3.5±0.3
0.138±0.012
J
5.08 MAX.
0.200 MAX.
K
7.62 (T.P.)
0.300 (T.P.)
C
1.778 (T.P.)
0.070 (T.P.)
D
0.50±0.10
0.020+0.004
–0.005
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
6.4
0.252
M
0.25
0.010+0.004
–0.003
+0.10
–0.05
2) ltem "K" to center of leads when formed parallel.
M
R
M
I
H
G
F
DN
C
B
K
24
13
L
A
J
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com