Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD7225 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD7225
Description  MOS INTEGRATED CIRCUIT
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD7225 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD7225 Datasheet HTML 35Page - Renesas Technology Corp UPD7225 Datasheet HTML 36Page - Renesas Technology Corp UPD7225 Datasheet HTML 37Page - Renesas Technology Corp UPD7225 Datasheet HTML 38Page - Renesas Technology Corp UPD7225 Datasheet HTML 39Page - Renesas Technology Corp UPD7225 Datasheet HTML 40Page - Renesas Technology Corp UPD7225 Datasheet HTML 41Page - Renesas Technology Corp UPD7225 Datasheet HTML 42Page - Renesas Technology Corp UPD7225 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Data Sheet S14308EJ6V1DS
37
µµµµPD7225
DC Characteristics (TA =
−−−−10 to +70 °°°°C, VDD = 5 V ±±±± 10%)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
High level input voltage
VIH
0.7 VDD
VDD
V
Low level input voltage
VIL
0
0.3 VDD
V
High level output voltage
VOH
/SYNC, /BUSY, IOH =
−10
µAVDD − 0.5
V
Low level output voltage
VOL1
/BUSY, IOL = 100
µA0.5
V
VOL2
/SYNC, IOL = 900
µA1.0
V
Output short-circuit current
IOS
/SYNC, VO = 1 V
−300
µA
High level input leakage current
ILIH
VI = VDD
2
µA
Low level input leakage current
ILIL
VI = 0 V
−2
µA
High level output leakage current
ILOH
VO = VDD
2
µA
Low level output leakage current
ILOL
VO = 0 V
−2
µA
Common output impedance
RCOM
COM0 to COM3
Note 1, VDD
≥ VLCD
57
k
Ω
Segment output impedance
RSEG
S0 to S31
Note 1, VDD
≥ VLCD
714
k
Ω
Power supply voltage
IDD
CL1 external clock, fC = 200 kHz
Note 2
100
250
µA
Notes 1. Applies to Static, 1/2 bias, 1/3 bias
2. Abnormal current will flow if the external clock supply is removed.
DC Characteristics (TA = 0 to +70
°°°°C, VDD = 2.7 to 5.5 V)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Units
High level input voltage
VIH1
Except /SCK
0.7 VDD
VDD
V
VIH2
/SCK
0.8 VDD
VDD
V
Low level input voltage
VIL1
Except /SCK
0
0.3 VDD
V
VIL2
/SCK
0
0.2 VDD
V
High level output voltage
VOH
/SYNC, /BUSY, IOH =
−7
µAVDD − 0.75
V
Low level output voltage
VOL1
/BUSY, IOL = 100
µA0.5
V
VOL2
/SYNC, IOL = 400
µA0.5
V
Output short-circuit current
IOS
/SYNC, VO = 0.5 V
−200
µA
High level input leakage current
ILIH
VI = VDD
2
µA
Low level input leakage current
ILIL
VI = 0 V
−2
µA
High level output leakage current
ILOH
VO = VDD
2
µA
Low level output leakage current
ILOL
VO = 0 V
−2
µA
Common output impedance
RCOM
COM0 to COM3
Note 1, VDD
≥ VLCD
6k
Ω
Segment output impedance
RSEG
S0 to S31
Note 1, VDD
≥ VLCD
12
k
Ω
Power supply voltage
IDD
CL external clock, VDD = 3 V
± 10%,
fC = 140 kHz
Note 2
30
100
µA
Notes 1. Applies to Static and 1/3 bias
2. Abnormal current will flow if the external clock supply is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com