Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD7225 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # UPD7225
Description  MOS INTEGRATED CIRCUIT
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD7225 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button UPD7225 Datasheet HTML 42Page - Renesas Technology Corp UPD7225 Datasheet HTML 43Page - Renesas Technology Corp UPD7225 Datasheet HTML 44Page - Renesas Technology Corp UPD7225 Datasheet HTML 45Page - Renesas Technology Corp UPD7225 Datasheet HTML 46Page - Renesas Technology Corp UPD7225 Datasheet HTML 47Page - Renesas Technology Corp UPD7225 Datasheet HTML 48Page - Renesas Technology Corp UPD7225 Datasheet HTML 49Page - Renesas Technology Corp UPD7225 Datasheet HTML 50Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
Data Sheet S14308EJ6V1DS
45
µµµµPD7225
µµµµPD7225GC-AB6
52 PIN PLASTIC QFP (14
×14)
ITEM
MILLIMETERS
INCHES
NOTE
Each lead centerline is located within 0.20 mm (0.008 inch) of
its true position (T.P.) at maximum material condition.
P52GC-100-AB6-4
L
0.8
±0.2
0.031+0.009
–0.008
M
0.15
0.006
N
0.10
0.004
P
2.6
0.102
A
17.6
±0.4
0.693
±0.016
B
14.0
±0.2
0.551+0.009
–0.008
C
14.0
±0.2
0.551+0.009
–0.008
D
17.6
±0.4
0.693
±0.016
F
1.0
0.039
G
1.0
0.039
H
0.40
±0.10
0.016+0.004
–0.005
I
0.20
0.008
J
1.0 (T.P.)
0.039 (T.P.)
K
1.8
±0.2
0.071+0.008
–0.009
Q
0.1
±0.1
0.004
±0.004
+0.10
–0.05
+0.004
–0.003
M
M
K
J
H
Q
P
N
R
detail of lead end
I
G
R5
°±5°
5
°±5°
S
3.0 MAX.
0.119 MAX.
39
40
52
1
26
27
14
13
A
B
CD
L
F
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com